công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CAR1612FPY0-1A bảng dữ liệu(PDF) 1 Page - Lineage Power Corporation

tên linh kiện CAR1612FPY0-1A
Giải thích chi tiết về linh kiện  1600 Watt 12V Front End Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINEAGEPOWER [Lineage Power Corporation]
Trang chủ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR1612FPY0-1A bảng dữ liệu(HTML) 1 Page - Lineage Power Corporation

  CAR1612FPY0-1A Datasheet HTML 1Page - Lineage Power Corporation CAR1612FPY0-1A Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features:
by Lineage Power
www.LineagePower.com
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
P: (972) 284-2000
2841 Dow Avenue
P: (714) 544-6665
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
F: (972) 284-2000
Tustin, CA 92780 USA F: (714) 838-4742
Shanghai, 201401 China
P: 021 6710 8910
rev 100603
Compact 1U Profile
High Efficiency design optimized for mid to light load applications
Constant Current Characteristic
N+1 Redundancy with Hot Plug Capability
High Power Density (20W/in3)
3.3VSB, Active Load Sharing, I²C and PMBus standard Interface
Remote On/Off and Remote Sense functions
KEY MARKET SEGMENTS & APPLICATIONS
Distributed Power Blade Servers
Mid-End Servers
Network Equipment
Network Attached Storage
Storage Area Networks
SPECIFICATIONS
1600 Watt +12V Front End Power Supply
Input Voltage Range
85-264 VAC, 47-63 Hz, derate to 1200W for <180VAC Input
Input Current Maximum
10.5A @ 180VAC / 14.3A @ 100VAC, Full Load (max)
Inrush Current
40A max. cold start (per ETS 300 132-1 and Bellcore specifications)
Input Protection
20 Amp / 250 VAC
Power Factor
0.99 typical at full load, complies with IEC555, EN60555-2, EN61000-3-2
Efficiency
Up to 94.5% at 50% Load and 230VAC Operation
Output Power
1600W at High Line Operation (180-264 VAC), 1200W at Low Line Operation (85-132 VAC)
Output Voltage Range
10.8~13.2 VDC with remote programming
Output Current
134A @ 12Vout / 230VAC Operation, 100A @ 12Vout / 110VAC Operation
Standby Bias Voltage
3.3VSB@1A (optional 5Vsb)
Voltage Regulation
±2% of Vnom for any combination of line, load and temperature
Output Ripple & Noise
1% (pk-pk) @ 20MHz with 0.1µF ceramic and 10µF Tantalum caps at the output
Transient Response
5% max deviation Recovery time 300μs @ 50% load step and di/dt < 1A/μs
Hold-Up Time
12ms at 1600W (typical) @ 220Vac (Early Warning: 2ms)
Remote On/Off
ON if >3V or open; OFF if <1V (max. sink 1mA) Open collector type
Current Limit Protection
Adjustable via I²C interface or PMBus, Constant current characteristic & power limited to 1600W or 1200W (<180VAC input)
Short Circuit Protection
Self protected with auto recovery
Over Voltage Protection
Trip level >+14.8Vdc ± 1V, Reset condition by recycling the AC input or applying Remote ON/OFF
Operating Temperature
-10°C to +70°C. power derating above 50°C at 2.5%/°C
Over Temperature Protection
Non-Latching, thermal shutdown point is set for 125°C and recovery point is 110°C
EMI
FCC-B & EN55022-B with specified filter or at rack level, GR-1089-CORE
LED Indicators
AC OK (Green) / DC OK (Green) / Thermal Alarm (Orange) / Fault (Red), “All on one LED” Tri-color LED
Analog Status & Control
Voltage Programming (V Prog), Load sharing (I Share), Remote On/Off, Current Monitor (I Monitor), AC OK, DC OK,
Temperature Warning, Fault, PS Present, Module Enable,
Digital Status & Control
I2C Option and PMBus Option, see detailed specification for details
Shock & Vibration
NEBS GR-63-CORE Level 3
Dimensions
12.45 x 4.00 x 1.61” / 316.23 x 101.6 x 41.91mm
Weight
4.28 lb. / 1.94 kg.
Safety Approvals
IEC/UL/CSA/EN60950-1, CE Mark (LVD), TUV
Options
5VSB Output, Bezel
FEATURES
BENEFITS
High Power Density 20W/in3
More system space for application circuits and hardware
Load Sharing & Fault Tolerant
Excellent reliability in N+1 operation
Automatic Fan Speed Control
Reduces audible noise and increases reliability
System Scalability up to 6.4kW
Allows flexibility with minimum investment
Universal Input & International
Certifications
Reduces logistical costs
CAR1612FP Series
1600 Watt +12V Front End Power Supply
PLATINUM


Số phần tương tự - CAR1612FPY0-1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1612FPBRXZ01A LINEAGEPOWER-CAR1612FPBRXZ01A Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
CAR1612FPBX5Z01A LINEAGEPOWER-CAR1612FPBX5Z01A Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
CAR1612FPBXXZ01A LINEAGEPOWER-CAR1612FPBXXZ01A Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
CAR1612FP LINEAGEPOWER-CAR1612FP_14 Datasheet
293Kb / 7P
   Universal input with PFC Constant power characteristic 2 front panel LED 1-input LED 2-[output, fault, over temp]
More results

Mô tả tương tự - CAR1612FPY0-1A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP Datasheet
828Kb / 2P
   1200 Watt 12V Front End Power Supply
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
CAR1248FP LINEAGEPOWER-CAR1248FP Datasheet
890Kb / 2P
   1200 Watt 48V Front End Power Supply
CAR2548FP LINEAGEPOWER-CAR2548FP Datasheet
1Mb / 2P
   2500 Watt 48V Front End Power Supply
CAR2024FP LINEAGEPOWER-CAR2024FP Datasheet
1Mb / 2P
   2000 Watt 24V Front End Power Supply
CAR1212DC LINEAGEPOWER-CAR1212DC Datasheet
895Kb / 2P
   1200 Watt, 12V DC Input Front End
logo
Mean Well Enterprises C...
RCP-2000 MEANWELL-RCP-2000 Datasheet
291Kb / 5P
   2000W Front End Power Supply
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
PFE1500-12-054XD BEL-PFE1500-12-054XD Datasheet
1Mb / 24P
   DC-DC FRONT END POWER SUPPLY
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com