công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXRS649BBGZ-RL bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện ADXRS649BBGZ-RL
Giải thích chi tiết về linh kiện  Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXRS649BBGZ-RL bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button ADXRS649BBGZ-RL Datasheet HTML 4Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 5Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 6Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 7Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 8Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 9Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 10Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 11Page - Analog Devices ADXRS649BBGZ-RL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADXRS649
Rev. 0 | Page 10 of 12
TEMPERATURE OUTPUT AND CALIBRATION
It is common practice to temperature-calibrate gyros to improve
their overall accuracy. The ADXRS649 has a temperature propor-
tional voltage output that provides input to such a calibration
method. The temperature sensor structure is shown in Figure 19.
The temperature output is characteristically nonlinear, and any
load resistance connected to the TEMP output results in decreasing
the TEMP output and its temperature coefficient. Therefore,
buffering the output is recommended.
The voltage at TEMP (F3, G3) is nominally 2.5 V at 25°C, and
VRATIO = 5 V. The temperature coefficient is ~9 mV/°C at 25°C.
Although the TEMP output is highly repeatable, it has only
modest absolute accuracy.
VRATIO
TEMP
RFIXED
RTEMP
Figure 19. Temperature Sensor Structure
MODIFYING THE MEASUREMENT RANGE
The ADXRS649 scale factor can be reduced to extend the
measurement range to as much as ±50,000°/sec by adding a
single 120 kΩ resistor between the RATEOUT and SUMJ pins.
If an external resistor is added between RATEOUT and SUMJ,
COUT must be proportionally increased to maintain correct
bandwidth.
NULL BIAS ADJUSTMENT
The nominal 2.5 V null bias is for a symmetrical swing range at
RATEOUT (B1, A2). However, a nonsymmetric output swing
may be suitable in some applications. Null bias adjustment is
possible by injecting a suitable current to SUMJ (C1, C2). Note
that supply disturbances may reflect some null bias instability.
Digital supply noise should be avoided, particularly in this case.
SELF-TEST FUNCTION
The ADXRS649 includes a self-test feature that actuates each of
the sensing structures and associated electronics in the same
manner, as if subjected to angular rate. The self-test is activated
by standard logic high levels applied to Input ST1 (F5, G5),
Input ST2 (F4, G4), or both. ST1 causes the voltage at RATEOUT
to change by approximately −0.15 V, and ST2 causes an opposite
change of +0.15 V. The self-test response follows the viscosity
temperature dependence of the package atmosphere,
approximately 0.25%/°C.
Activating ST1 and ST2 simultaneously does not damage the
part. ST1 and ST2 are fairly closely matched (±2%), but
actuating both simultaneously may result in a small apparent
null bias shift proportional to the degree of self-test mismatch.
ST1 and ST2 are activated by applying a voltage equal to VRATIO
to the ST1 pin and the ST2 pin. The voltage applied to ST1 and
ST2 must never be greater than AVCC.
CONTINUOUS SELF-TEST
The on-chip integration of the ADXRS649 gives it higher reliability
than is obtainable with any other high volume manufacturing
method. In addition, it is manufactured under a mature BiMOS
process that has field-proven reliability. As an additional failure
detection measure, a power-on self-test can be performed. How-
ever, some applications may warrant continuous self-test while
sensing rate. Information about continuous self-test techniques
is also available in the AN-768 Application Note, Using the
ADXRS150/ADXRS300 in Continuous Self-Test Mode.


Số phần tương tự - ADXRS649BBGZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS649BBGZ-RL AD-ADXRS649BBGZ-RL Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
More results

Mô tả tương tự - ADXRS649BBGZ-RL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com