công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADXRS649 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADXRS649
Giải thích chi tiết về linh kiện  Fast Starting, 짹20,000째/sec Vibration Rejecting Rate Gyro
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADXRS649 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADXRS649 Datasheet HTML 1Page - Analog Devices ADXRS649 Datasheet HTML 2Page - Analog Devices ADXRS649 Datasheet HTML 3Page - Analog Devices ADXRS649 Datasheet HTML 4Page - Analog Devices ADXRS649 Datasheet HTML 5Page - Analog Devices ADXRS649 Datasheet HTML 6Page - Analog Devices ADXRS649 Datasheet HTML 7Page - Analog Devices ADXRS649 Datasheet HTML 8Page - Analog Devices ADXRS649 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADXRS649
Rev. 0 | Page 3 of 12
SPECIFICATIONS
All minimum and maximum specifications are guaranteed. Typical specifications are not guaranteed.
TA = −40°C to +105°C, VS = AVCC = VDD = VRATIO = 5 V, angular rate = 0°/sec, bandwidth = 80 Hz (COUT = 0.01 μF), IOUT = 100 μA, ±1 g,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSITIVITY1
Clockwise rotation is positive output
Measurement Range2
Full-scale range over specifications range
±20,000
°/sec
Initial and over Temperature
−40°C to +105°C
0.08
0.1
0.12
mV/°/sec
Temperature Drift3
±2
%
Nonlinearity
Best fit straight line
0.1
% of FS
NULL BIAS1
Null Bias
−40°C to +105°C
2.4
2.5
2.6
V
Calibrated Null Bias4
−40°C to +105°C
±5
°/sec
Linear Acceleration Effect
Any axis
0.1
°/sec/g
Vibration Rectification
40 g rms, 50 Hz to 27 kHz
0.0006
°/sec/g2
NOISE PERFORMANCE
Rate Noise Density
TA = 25°C
0.25
°/sec/√Hz
TA = 105°C
0.4
°/sec/√Hz
Resolution Floor
TA = 25°C, 1 minute to 1 hour in-run
200
°/hr
FREQUENCY RESPONSE
Bandwidth5
±3 dB user adjustable up to specification
2000
Hz
Sensor Resonant Frequency
16
18
20
kHz
SELF-TEST1
ST1 RATEOUT Response
ST1 pin from Logic 0 to Logic 1
−1300
°/sec
ST2 RATEOUT Response
ST2 pin from Logic 0 to Logic 1
1300
°/sec
ST1 to ST2 Mismatch6
±2
%
Logic 1 Input Voltage
3.3
V
Logic 0 Input Voltage
1.7
V
Input Impedance
To common
40
50
100
TEMPERATURE SENSOR1
VOUT at 25°C
Load = 10 MΩ
2.3
2.4
2.5
V
Scale Factor7
TA = 25°C, VRATIO = 5 V
9
mV/°C
Load to VS
25
Load to Common
25
TURN-ON TIME4
Power on to ±90% of final output, CP5 = 2.2 nF
3
ms
OUTPUT DRIVE CAPABILITY
Current Drive
For rated specifications
200
μA
Capacitive Load Drive
1000
pF
POWER SUPPLY
Operating Voltage (VS)
4.75
5.00
5.25
V
Quiescent Supply Current
3.5
mA
TEMPERATURE RANGE
Specified Performance
−40
+105
°C
1 Parameter is linearly ratiometric with VRATIO.
2 Measurement range is the maximum range possible, including output swing range, initial offset, sensitivity, offset drift, and sensitivity drift at 5 V supplies.
3 From +25°C to −40°C or +25°C to +105°C.
4 Based on characterization.
5 Adjusted by external capacitor, COUT. Reducing bandwidth below 0.01 Hz does not result in further noise improvement.
6 Self-test mismatch is described as (ST2 + ST1)/((ST2 − ST1)/2).
7 Scale factor for a change in temperature from 25°C to 26°C. VTEMP is ratiometric to VRATIO. See the
section for more information.
Temperature Output and Calibration


Số phần tương tự - ADXRS649

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS649BBGZ-RL AD-ADXRS649BBGZ-RL Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
More results

Mô tả tương tự - ADXRS649

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADXRS649BBGZ AD-ADXRS649BBGZ Datasheet
303Kb / 12P
   Fast Starting, ,-20,000/sec Vibration Rejecting Rate Gyro
REV. B
ADXRS642 AD-ADXRS642 Datasheet
200Kb / 10P
   Vibration Rejecting 짹250째/s Yaw Rate Gyro
Rev. Pr A
ADXRS646 AD-ADXRS646 Datasheet
199Kb / 12P
   High Stability, Low Noise Vibration Rejecting Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS610 AD-ADXRS610_15 Datasheet
546Kb / 12P
   300/sec Yaw Rate Gyro
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com