công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADF7241 bảng dữ liệu(PDF) 9 Page - Analog Devices

tên linh kiện ADF7241
Giải thích chi tiết về linh kiện  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADF7241 bảng dữ liệu(HTML) 9 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 5Page - Analog Devices ADF7241 Datasheet HTML 6Page - Analog Devices ADF7241 Datasheet HTML 7Page - Analog Devices ADF7241 Datasheet HTML 8Page - Analog Devices ADF7241 Datasheet HTML 9Page - Analog Devices ADF7241 Datasheet HTML 10Page - Analog Devices ADF7241 Datasheet HTML 11Page - Analog Devices ADF7241 Datasheet HTML 12Page - Analog Devices ADF7241 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
ADF7241
Rev. 0 | Page 9 of 72
CURRENT CONSUMPTION SPECIFICATIONS
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions
CURRENT CONSUMPTION
TX Mode Current Consumption
−20 dBm
16.5
mA
IEEE 802.15.4-2006 continuous packet transmission mode
−10 dBm
17.4
mA
IEEE 802.15.4-2006 continuous packet transmission mode
0 dBm
19.6
mA
IEEE 802.15.4-2006 continuous packet transmission mode
+3 dBm
21.5
mA
IEEE 802.15.4-2006 continuous packet transmission mode
+4 dBm
25
mA
IEEE 802.15.4-2006 continuous packet transmission mode
Idle Mode
1.8
mA
XTO26M + digital active
PHY_RDY Mode
10
mA
RX Mode Current Consumption
19
mA
IEEE 802.15.4-2006 packet mode
MEAS State
3
mA
SLEEP_BBRAM
0.3
μA
BBRAM contents retained
SLEEP_BBRAM_RCO
1
μA
32 kHz RC oscillator running, some BBRAM contents
retained, wake-up time enabled
SLEEP_BBRAM_XTO
1.7
μA
32 kHz crystal oscillator running, some BBRAM contents
retained, wake-up time enabled
TIMING AND DIGITAL SPECIFICATIONS
Table 7. Logic Levels
Parameter
Min
Typ
Max
Unit
Test Conditions
LOGIC INPUTS
Input High Voltage, VINH
0.7 × VDD_BAT
V
Input Low Voltage, VINL
0.2 × VDD
V
Input Current, IINH/IINL
±1
μA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
VDD_BAT − 0.4
V
IOH = 500 μA
Output Low Voltage, VOL
0.4
V
IOL = 500 μA
Output Rise/Fall
5
ns
Output Load
7
pF
Table 8. GPIOs
Parameter
Min
Typ
Max
Unit
Test Conditions
GPIO OUTPUTS
Output Drive Level
5
mA
All GPIOs in logic high state
Output Drive Level
5
mA
All GPIOs in logic low state
Table 9. SPI Interface Timing
Parameter
Min
Typ
Max
Unit
Description
t1
15
ns
CS falling edge to MISO setup time (TRX active)
t2
40
ns
CS to SCLK setup time
t3
40
ns
SCLK high time
t4
40
ns
SCLK low time
t5
80
ns
SCLK period
t6
10
ns
SCLK falling edge to MISO delay
t7
5
ns
MOSI to SCLK rising edge setup time
t8
5
ns
MOSI to SCLK rising edge hold time


Số phần tương tự - ADF7241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
ADF7242BCPZ AD-ADF7242BCPZ Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
ADF7242BCPZ-RL AD-ADF7242BCPZ-RL Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results

Mô tả tương tự - ADF7241

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADF7242 AD-ADF7242 Datasheet
1Mb / 108P
   Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com