công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC4104C bảng dữ liệu(PDF) 3 Page - Sanyo Semicon Device

tên linh kiện LC4104C
Giải thích chi tiết về linh kiện  LCD Dot Matrix Segment Driver for STN Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4104C bảng dữ liệu(HTML) 3 Page - Sanyo Semicon Device

  LC4104C Datasheet HTML 1Page - Sanyo Semicon Device LC4104C Datasheet HTML 2Page - Sanyo Semicon Device LC4104C Datasheet HTML 3Page - Sanyo Semicon Device LC4104C Datasheet HTML 4Page - Sanyo Semicon Device LC4104C Datasheet HTML 5Page - Sanyo Semicon Device LC4104C Datasheet HTML 6Page - Sanyo Semicon Device LC4104C Datasheet HTML 7Page - Sanyo Semicon Device LC4104C Datasheet HTML 8Page - Sanyo Semicon Device LC4104C Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Allowable Operating Ranges at Ta = –20 to +75°C, VSS = 0 V
Note: V0, V2, V3, and V5 must obey the following inequalities: VDDH ≥ V0 ≥ V2 ≥ VDDH – 7 V, and 7 V ≥ V3 ≥ V5 ≥ VSS.
At power on: First turn on the logic system power supply and then turn on the high-voltage system power supply.
At power off: First turn off the high-voltage system power supply and then turn off the logic system power supply.
Allowable Operating Ranges at Ta = –20 to +75°C, VSS = 0 V, VDD = 5 V ± 10%
Note: * The clock rise time (tr) and fall time (tf) must obey inequalities Πand y below.
Œ: tr, tf <
y: tr, tf
≤ 50 ns
Allowable Operating Ranges at Ta = –20 to +75°C, VSS = 0 V, VDD = 2.7 to 4.5 V
Note: * The clock rise time (tr) and fall time (tf) must obey inequalities Πand y below.
Œ: tr, tf <
y: tr, tf
≤ 50 ns
1
– tw (cph) – tw (cpl)
fcp
2
1
– tw (cph) – tw (cpl)
fcp
2
No. 5194-3/9
LC4104C
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
2.7
5.5
V
Supply voltage
VDDH
20
36
V
Supply voltage
VSS
0
V
Input high-level voltage
VIH
D0 to D7, LOAD, CP, R/L, M, TEST, DISP, BS,
0.8 VDD
VDD
V
EIO1, EIO2
Input low-level voltage
VIL
D0 to D7, LOAD, CP, R/L, M, TEST, DISP, BS,
0
0.2 VDD
V
EIO1, EIO2
Input voltage
V0, V2
V0, V2
VDDH – 7
VDDH
V
Input voltage
V3
V3
0
VSSH + 7
V
Input voltage
V5
V5
0
V
Parameter
Symbol
Conditions
min
typ
max
Unit
CP clock frequency
fcp
CP
12
MHz
High-level load pulse width
tw (ldH)
LOAD
50
ns
High-level clock pulse width
tw (cpH)
CP
20
ns
Low-level clock pulse width
tw (cpL)
CP
20
ns
LOAD/CP setup time
tsu (ld)
LOAD, CP
100
ns
LOAD/CP hold time
tho (ld)
LOAD, CP
200
ns
DATA/CP setup time
tsu (cp)
CP, D0 to D7
10
ns
DATA/CP hold time
tho (cp)
CP, D0 to D7
10
ns
EIO input setup time
tsu (ei)
CP, EIO1, EIO2
24
ns
Clock rise time
tr
LOAD, CP*
50
ns
Clock fall time
tf
LOAD, CP*
50
ns
Parameter
Symbol
Conditions
min
typ
max
Unit
CP clock frequency
fcp
CP
10
MHz
High-level load pulse width
tw (ldH)
LOAD
50
ns
High-level clock pulse width
tw (cpH)
CP
37
ns
Low-level clock pulse width
tw (cpL)
CP
37
ns
LOAD/CP setup time
tsu (ld)
LOAD, CP
100
ns
LOAD/CP hold time
tho (ld)
LOAD, CP
200
ns
DATA/CP setup time
tsu (cp)
CP, D0 to D7
35
ns
DATA/CP hold time
tho (cp)
CP, D0 to D7
35
ns
EIO input setup time
tsu (ei)
CP, EIO1, EIO2
30
ns
Clock rise time
tr
LOAD, CP*
50
ns
Clock fall time
tf
LOAD, CP*
50
ns


Số phần tương tự - LC4104C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC4100 SANYO-LC4100 Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4103C SANYO-LC4103C Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
More results

Mô tả tương tự - LC4104C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
   LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
   80CH Segment Driver for Dot Matrix LCD
ST7921 SITRONIX-ST7921 Datasheet
77Kb / 11P
   96CH Segment Driver For Dot Matrix LCD
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
   80CH Segment Driver For Dot Matrix LCD
logo
Samsung semiconductor
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
   64CH SEGMENT DRIVER FOR DOT MATRIX LCD
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
   80 SEGMENT DRIVER FOR DOT MATRIX LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com