công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC378100QT bảng dữ liệu(PDF) 3 Page - Sanyo Semicon Device

tên linh kiện LC378100QT
Giải thích chi tiết về linh kiện  8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC378100QT bảng dữ liệu(HTML) 3 Page - Sanyo Semicon Device

  LC378100QT Datasheet HTML 1Page - Sanyo Semicon Device LC378100QT Datasheet HTML 2Page - Sanyo Semicon Device LC378100QT Datasheet HTML 3Page - Sanyo Semicon Device LC378100QT Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No. 5611-3/4
LC378100QM, QT
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
–0.3 to +7.0
V
Supply input voltage
VIN
–0.3*2 to VCC + 0.3
V
Supply output voltage
VOUT
–0.3 to VCC + 0.3
V
Allowable power dissipation
Pd max
Ta = 25°C; Reference values for the SANYO DIP package
1.0
W
Operating temperature
Topr
–10 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings *1
Note: 1. Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation should be restricted to Recommended
Operating Conditions.
2. VIN (min) = –3.0 V (pulse width ≤ 30 ns)
Note: 1. tOD is measured from the earlier edge of the CE or OE’s going high impedance.
This parameter is periodically sampled and not 100% tested.
2. Guaranteed at VCC = 4.5 to 5.5 V
Note: * This parameter is periodically sampled and not 100% tested.
Note: * Guaranteed at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input capacitance
CIN
VIN = 0 V; Reference values for the SANYO DIP package
8
pF
Output capacitance
COUT
VOUT = 0 V; Reference values for the SANYO DIP package
10
pF
Input/Output Capacitance* at Ta = 25°C, f = 1.0 MHz
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC
2.6
5.0
5.5
V
Input high level voltage
VIH
2.2
VCC + 0.3
V
Input low level voltage
VIL
–0.3
+0.6
V
DC Recommended Operating Ranges at Ta = –10 to +70°C, VCC = 2.6 to 5.5 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operating supply current
ICCA1
CE = 0.2 V, VI = VCC – 0.2 V/0.2 V
30
mA
ICCA2
CE = VIL, IO = 0 mA, VI = VIH/VIL, f = 10 MHz
55
mA
Standby supply current
ICCS1
CE = VCC – 0.2 V
30 (1.0)
µA
ICCS2
CE = VIH
1.0 (300)
mA(µA)
Input leakage current
ILI
VIN = 0 to VCC
±1.0
µA
Output leakage current
ILO
CE or OE = VIH, VOUT = 0 to VCC
±1.0
µA
Output high level voltage
VOH
IOH = –0.5 mA
0.8 VCC
V
Output low level voltage
VOL
IOL = 0.5 mA
0.2
V
DC Electrical Characteristics at Ta = –10 to +70°C, VCC = 2.6 to 5.5 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Cycle time
tCYC
200 (120)
ns
Address access time
tAA
200 (120)
ns
CE access time
tCA
200 (100)
ns
OE access time
tOA
80 (40)
ns
Output hold time
tOH
20
ns
Output disable time*1
tOD*1
100
ns
AC Characteristics at Ta = –10 to +70°C, VCC = 2.6 to 5.5 V


Số phần tương tự - LC378100QT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC378000RP SANYO-LC378000RP Datasheet
53Kb / 4P
   Internally Synchronized Silicon Gate 8M (1,048,576-word x 8-bit, 524,288-word x 16-bit) Mask ROM
More results

Mô tả tương tự - LC378100QT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC374100SM SANYO-LC374100SM Datasheet
64Kb / 4P
   4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC371100SP SANYO-LC371100SP Datasheet
80Kb / 5P
   1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC372100PP SANYO-LC372100PP Datasheet
79Kb / 5P
   2 MEG (262144 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
King blillion Electroni...
HF88M02 KB-HF88M02 Datasheet
310Kb / 19P
   256K x 8 bit Mask ROM
HF88M08 KB-HF88M08 Datasheet
308Kb / 19P
   512K x 8 bit Mask ROM
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com