công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC378000RP bảng dữ liệu(PDF) 3 Page - Sanyo Semicon Device

tên linh kiện LC378000RP
Giải thích chi tiết về linh kiện  Internally Synchronized Silicon Gate 8M (1,048,576-word x 8-bit, 524,288-word x 16-bit) Mask ROM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC378000RP bảng dữ liệu(HTML) 3 Page - Sanyo Semicon Device

  LC378000RP Datasheet HTML 1Page - Sanyo Semicon Device LC378000RP Datasheet HTML 2Page - Sanyo Semicon Device LC378000RP Datasheet HTML 3Page - Sanyo Semicon Device LC378000RP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
No. 5793-3/4
LC378000RP
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
–0.3 to +7.0
V
Input pin voltage
VIN
–0.3* to VCC + 0.3
V
Output pin voltage
VOUT
–0.3 to VCC + 0.3
V
Allowable power dissipation
Pd max
Ta = 25°C
1.0
W
Operating temperature
Topr
–10 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Note: Application of stresses greater than or equal to the maximum ratings may lead to device destruction.
*: Minimum value minus 3.0 V for pulses with widths of 30 ns or less.
Note: These parameters are not tested in all units, but rather are sampled in a subset of units produced.
Note: Values in parentheses are guaranteed at Ta = 25°C.
Note: tOD is stipulated as the time from the rise of either CE or OE (whichever occurs first) to the point when the output goes to the high-impedance state.
These parameters are not tested in all units, but rather are sampled in a subset of units produced.
Values in parentheses are for VCC = 4.5 to 5.5 V.
Specifications
Absolute Maximum Ratings*
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input pin capacitance
CIN
VIN = 0 V. Reference value using the Sanyo DIP.
8
pF
Output pin capacitance
COUT
VOUT = 0 V. Reference value using the Sanyo DIP.
10
pF
Capacitance Characteristics* at Ta = 25°C, f = 1.0 MHz
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC max
2.6
5.0
5.5
V
Input high-level voltage
VIH
2.2
VCC + 0.3
V
Input low-level voltage
VIL
–0.3
0.6
V
DC Allowable Operating Ranges at Ta = –10 to +70°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operating current drain
ICCA1
CE = 0.2 V, VI = VCC – 0.2 V/0.2 V
30
mA
ICCA2
CE = VIL, IO = 0 mA, VI = VIH/VIL, f = 10 MHz
90
mA
Standby current drain
ICCS1
CE = VCC – 0.2 V
30 (1.0)
µA
ICCS2
CE = VIH
1.0 (0.3)
mA
Input leakage current
ILI
VIN = 0 to VCC
±1.0
µA
Output leakage current
ILO
CE or OE = VIH, VOUT = 0 to VCC
±1.0
µA
Output high-level voltage
VOH
IOH = –0.5 mA
0.8 VCC
V
Output low-level voltage
VOL
IOL = 0.5 mA
0.2
V
DC Electrical Characteristics at Ta = –10 to +70°C, VCC = 2.6 to 5.5 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Cycle time
tCYC
200 (100)
ns
Address access time
tAA
200 (100)
ns
CE enable time
tCEON
200 (135)
ns
CE access time
tCA
200 (110)
ns
OE access time
tOA
100 (40)
ns
Output hold time
tOH
20
ns
Output disable time*
tOD
100
ns
AC Characteristics at Ta = –10 to +70°C, VCC = 2.6 to 5.5 V


Số phần tương tự - LC378000RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LC378100QM SANYO-LC378100QM Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC378100QT SANYO-LC378100QT Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
More results

Mô tả tương tự - LC378000RP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
OKI electronic componet...
MR53V8002J OKI-MR53V8002J Datasheet
158Kb / 8P
   524,288-Word x 16-bit or 1,048,576 x 8-Bit MASK ROM
MR53V1602J OKI-MR53V1602J Datasheet
158Kb / 8P
   1,048,576-Word x 16-Bit or 2,097,152-word x 8-Bit MASK ROM
MR53V8052J OKI-MR53V8052J Datasheet
160Kb / 8P
   524,288-Word x 16-bit or 1,048,576-Word x 8-bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
MSM538032E OKI-MSM538032E Datasheet
101Kb / 9P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MSM538022E OKI-MSM538022E Datasheet
72Kb / 8P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit MASKROM
MR27V802F OKI-MR27V802F Datasheet
146Kb / 15P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-bit One Time PROM
MR53V3202J OKI-MR53V3202J Datasheet
162Kb / 9P
   2,097,152-Word x 16-Bit or 4,097,152-word x 8-Bit MASK ROM
MR533202J OKI-MR533202J Datasheet
157Kb / 8P
   2,097,152-Word X 16-Bit or 4,097,152-Word X 8-Bit MASK ROM
MR27V802D OKI-MR27V802D Datasheet
58Kb / 11P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
MSM27C802CZ OKI-MSM27C802CZ Datasheet
108Kb / 12P
   524,288-Word x 16-Bit or 1,048,576-Word x 8-Bit One Time PROM
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com