công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34704AEP bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MC34704AEP
Giải thích chi tiết về linh kiện  Multiple Channel DC-DC Power Management IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34704AEP bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34704AEP Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34704AEP Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34704
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Battery Input Supply Voltage (VIN) Pin
PVINx, RST, ONOFF, LION, DRV7(8), VG, SCL, SDA and VOUT1-5 Pins
VDDI, COMPx, FBx, VREF7(8), FREQ, and SS Pins
VIN
-0.3 to 6.0
-0.3 to 6.0
-0.3 to 3.0
V
SW1-5 Pins
VSW-LOW
-1.0 to 6.0
V
SW8, SW6(8) Pins
VSW-HIGH
-1.0 to 27
V
BTx Pins (Referenced to switch node)
VBT-VSW
-0.3 to 6.0
V
BTx Pins to GND
VBT
-0.3 to 27
V
VOUT8, VOUT6(8) Pins
VOUT-HIGH
-0.3 to 27
V
VOUT7 Pin(8)
VOUT-NEG
-10.0 to 0.3
V
Continuous Output Current
REG1(8)
REG2,5
REG3
REG4
REG6,7(8)
REG8
500
500
550
300
60
30
mA
ESD Voltage
Human Body Model
Charge Device Model
VESD1
VESD2
±1000
±500
V
THERMAL RATINGS
Maximum Junction Temperature
TJ(MAX)
+150
°C
Storage Temperature
TSTG
-65 to +150
°C
Maximum Power Dissipation (TA = 85°C)
PD
2.5
W
THERMAL RESISTANCE(7)
Thermal Resistance
Junction to Ambient
Junction to Board
RΘJA
RΘJB
26
10
°C/W
Peak Package Reflow Temperature During Reflow(5),(6)
TPPRT
Note 6
°C
Notes
4.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 Ω), and the Charge Device
Model (CDM), Robotic (CZAP = 4.0 pF).
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL), Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes
and enter the core ID to view all orderable parts. (i.e. MC33xxxD enter 33xxx), and review parametrics.
7.
Thermal Resistance is based on a four-layer board (2s2p)
8.
Available only on the 34704A


Số phần tương tự - MC34704AEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34704AEP FREESCALE-MC34704AEP Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704AEP/R2 FREESCALE-MC34704AEP/R2 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704AEPR2 FREESCALE-MC34704AEPR2 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
More results

Mô tả tương tự - MC34704AEP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
34704 FREESCALE-34704_09 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704 FREESCALE-MC34704 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
logo
SG Micro Corp
SGM2036 SGMICRO-SGM2036 Datasheet
407Kb / 19P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
logo
Intersil Corporation
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
ZL2005ALNFT INTERSIL-ZL2005ALNFT Datasheet
816Kb / 40P
   Digital-DC??Integrated Power Management and Conversion IC
February 23, 2011
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
logo
Shenzhen Guan Hua Wei Y...
WSP10N10 WIINSOK-WSP10N10 Datasheet
1Mb / 5P
   Power Management in DC/DC Converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com