công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13892VK bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC13892VK
Giải thích chi tiết về linh kiện  Power Management and User Interface IC
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13892VK bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC13892VK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13892VK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 156 page
background image
POWER MANAGEMENT IC
13892
VK SUFFIX
98ASA10820D
139-PIN 7X7MM BGA
VL SUFFIX
98ASA10849D
186-PIN 12X12MM BGA
ORDERING INFORMATION
See Device Variation Table on Page 2.
Document Number: MC13892
Rev. 11.0, 2/2011
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2010 - 2011. All rights reserved.
Power Management and User
Interface IC
The 13892 is a Power Management and User Interface component
for Freescale’s i.MX51, i.MX37, i.MX35, i.MX31 and i.MX27
application processors, targeting netbooks, ebooks, mobile internet
devices, smart phones, personal media players and personal
navigation devices.
Features
• Battery charger system for wall charging and USB charging
• 10 bit ADC for monitoring battery and other inputs, plus a coulomb
counter support module
• 4 adjustable output buck converters for direct supply of the
processor core and memory
• 12 adjustable output LDOs with internal and external pass devices
• Boost converter for supplying RGB LEDs
• Serial backlight drivers for displays and keypad, plus RGB LED
drivers
• Power control logic with processor interface and event detection
• Real time clock and crystal oscillator circuitry, with coin cell backup
and support for external secure real time clock on a companion
system processor IC
• Touch screen interface
• SPI/I2C bus interface for control and register access
• Two package offerings in 7 x 7 mm and 12 x 12 mm
CALENDAR
USB
Li Ion
Battery
Adapter
Camera
AP
Aud& Pwr Mgmt
Camera
MC13892
Power Mgmt &
User Interface
i.MX51
Apps Processor
BT (+FM)
Display
Backlight
SPI/I2C
SSI
UI
RTC
Touch
Screen
AP
Aud
Audio
IC
Mic Inputs
Stereo
Loudspeakers
Line
In/Out
UI
Backlight
Stereo
headphones
Power
Power
Coin Cell
Battery
Charger LED
RGB
Color
Indicators
CALENDAR
CALENDAR
USB
Li Ion
Battery
Adapter
Camera
AP
Aud& Pwr Mgmt
Camera
MC13892
Power Mgmt &
User Interface
i.MX51
Apps Processor
BT (+FM)
Display
Backlight
SPI/I2C
SSI
UI
UI
RTC
Touch
Screen
AP
Aud
Audio
IC
Mic Inputs
Stereo
Loudspeakers
Line
In/Out
UI
Backlight
Stereo
headphones
Power
Power
Coin Cell
Battery
Charger LED
RGB
Color
Indicators
Figure 1. 13892 Typical Operating Circuit


Số phần tương tự - MC13892VK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13892VK FREESCALE-MC13892VK Datasheet
6Mb / 161P
    Power Management and User Interface IC
MC13892VK FREESCALE-MC13892VK Datasheet
5Mb / 158P
   Power Management Integrated
More results

Mô tả tương tự - MC13892VK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
13892 FREESCALE-13892_10 Datasheet
6Mb / 161P
    Power Management and User Interface IC
13892 FREESCALE-13892 Datasheet
3Mb / 75P
   Power Management and User Interface IC
logo
Teridian Semiconductor ...
73S8009C TERIDIAN-73S8009C Datasheet
364Kb / 33P
   Versatile Power Management and Smart Card Interface IC
73S8009C TERIDIAN-73S8009C_V01 Datasheet
360Kb / 32P
   Versatile Power Management and Smart Card Interface IC
February 2010
logo
ON Semiconductor
MC33560 ONSEMI-MC33560 Datasheet
435Kb / 24P
   Power Management and Interface IC for Smartcard Readers and Couplers
October, 1999 ??Rev. 0
MC33560 ONSEMI-MC33560_05 Datasheet
265Kb / 26P
   Power Management and Interface IC for Smartcard Readers and Couplers
August, 2005 ??Rev. 5
logo
Texas Instruments
TPS65013RGZR TI-TPS65013RGZR Datasheet
1Mb / 59P
[Old version datasheet]   POWER AND BATTERY MANAGEMENT IC
TPS65014 TI1-TPS65014_15 Datasheet
1Mb / 69P
[Old version datasheet]   Power- and Battery-Management IC
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
logo
ATMEL Corporation
AT73C201 ATMEL-AT73C201 Datasheet
45Kb / 3P
   POWER SUPPLY AND BATTERY MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com