công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
744233121 bảng dữ liệu(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744233121 bảng dữ liệu(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 3 page Bezeichnung / description : Gurtspezifikation / Tape specification: A 1,55 ± 0,2 mm B 4,00 ± 0,1 mm C 1,50 + 0,1 mm D 2,00 ± 0,05 mm E 1,75 ± 0,1 mm F 3,50 ± 0,05 mm G 1,55 max. mm H 2,25 ± 0,2 mm T 0,30 max. mm W 8,00 ± 0,3 mm Rollenspezifikation / Reel Specification: a 178,0 ± 2,0 mm b 20,20 min. mm c 58,00 ± 2,0 mm d 9,00 ± 1,5 mm Kunde / customer : Artikelnummer / part number : 744233121 SMD common mode noise suppressor WE-CNSW HF SMD Stromkompensierter Datenleitungsfilter WE-CNSW HF DATUM / DATE : 2010-10-01 I Rollenspezifikation / tape and reel specifications: Spezifikation für Freigabe / specification for release A B ØC D E F W H G T a c d 9,00 ± 1,5 mm 150° The force of tearing off cover tape is 0,1 to 0,7 N in arrow direction. SBa Version 1 2010-10-01 Name Änderung / modification Datum / date D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked Kontrolliert / approved Würth Elektronik Datum / date Unterschrift / signature Würth Elektronik eiSos GmbH & Co. KG .................................................................................. .................................................................................. Freigabe erteilt / general release: Kunde / customer .................................................................................. .................................................................................. feeding direction A B ØC D E F W H G T Ø b a c d This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. D-74638 Waldenburg · Max-Eyth-Strasse 1 -3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 http://www.we-online.com feeding direction A B ØC D E F W H G T Ø b a c d This electronic component has been designed and developed for usage in general electronic equipment. Before incorporating this component into any equipment where higher safety and reliability is especially required or if there is the possibility of direct damage or injury to human body, for example in the range of aerospace, aviation, nuclear control, submarine, transportation, (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc, Würth Elektronik eiSos GmbH must be informed before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. SEITE 3 VON 3 |
Số phần tương tự - 744233121 |
|
Mô tả tương tự - 744233121 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |