công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD623BR-REEL bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện AD623BR-REEL
Giải thích chi tiết về linh kiện  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD623BR-REEL bảng dữ liệu(HTML) 1 Page - Analog Devices

  AD623BR-REEL Datasheet HTML 1Page - Analog Devices AD623BR-REEL Datasheet HTML 2Page - Analog Devices AD623BR-REEL Datasheet HTML 3Page - Analog Devices AD623BR-REEL Datasheet HTML 4Page - Analog Devices AD623BR-REEL Datasheet HTML 5Page - Analog Devices AD623BR-REEL Datasheet HTML 6Page - Analog Devices AD623BR-REEL Datasheet HTML 7Page - Analog Devices AD623BR-REEL Datasheet HTML 8Page - Analog Devices AD623BR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Single-Supply, Rail-to-Rail, Low Cost
Instrumentation Amplifier
AD623
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1997–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Easy to use
Higher performance than discrete design
Single-supply and dual-supply operation
Rail-to-rail output swing
Input voltage range extends 150 mV below
ground (single supply)
Low power, 550 μA maximum supply current
Gain set with one external resistor
Gain range: 1 (no resistor) to 1000
High accuracy dc performance
0.10% gain accuracy (G = 1)
0.35% gain accuracy (G > 1)
10 ppm maximum gain drift (G = 1)
200 μV maximum input offset voltage (AD623A)
2 μV/°C maximum input offset drift (AD623A)
100 μV maximum input offset voltage (AD623B)
1 μV/°C maximum input offset drift (AD623B)
25 nA maximum input bias current
Noise: 35 nV/√Hz RTI noise @ 1 kHz (G = 1)
Excellent ac specifications
90 dB minimum CMRR (G = 10); 70 dB minimum CMRR (G = 1)
at 60 Hz, 1 kΩ source imbalance
800 kHz bandwidth (G = 1)
20 μs settling time to 0.01% (G = 10)
APPLICATIONS
Low power medical instrumentation
Transducer interfaces
Thermocouple amplifiers
Industrial process controls
Difference amplifiers
Low power data acquisition
GENERAL DESCRIPTION
The AD623 is an integrated single-supply instrumentation
amplifier that delivers rail-to-rail output swing on a 3 V to 12 V
supply. The AD623 offers superior user flexibility by allowing
single gain set resistor programming and by conforming to the
8-lead industry standard pinout configuration. With no external
resistor, the AD623 is configured for unity gain (G = 1), and
with an external resistor, the AD623 can be programmed for
gains up to 1000.
CONNECTION DIAGRAM
1
–RG
8
+RG
2
–IN
7
+VS
3
+IN
6
OUTPUT
4
–VS
5
REF
AD623
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead PDIP (N), SOIC (R), and MSOP (RM) Packages
120
30
40
50
60
70
80
90
100
110
1
10
100
1k
10k
100k
FREQUENCY (Hz)
×1000
×100
×10
×1
Figure 2. CMR vs. Frequency, 5 VS, 0 VS
The AD623 holds errors to a minimum by providing superior
ac CMRR that increases with increasing gain. Line noise, as
well as line harmonics, are rejected because the CMRR remains
constant up to 200 Hz. The AD623 has a wide input common-
mode range and can amplify signals that have a common-mode
voltage 150 mV below ground. Although the design of the AD623
was optimized to operate from a single supply, the AD623 still
provides superior performance when operated from a dual
voltage supply (±2.5 V to ±6.0 V).
Low power consumption (1.5 mW at 3 V), wide supply voltage
range, and rail-to-rail output swing make the AD623 ideal
for battery-powered applications. The rail-to-rail output stage
maximizes the dynamic range when operating from low supply
voltages. The AD623 replaces discrete instrumentation amplifier
designs and offers superior linearity, temperature stability, and
reliability in a minimum of space.


Số phần tương tự - AD623BR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD623BR-REEL AD-AD623BR-REEL Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623BR-REEL7 AD-AD623BR-REEL7 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
More results

Mô tả tương tự - AD623BR-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD8223 AD-AD8223 Datasheet
420Kb / 20P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com