công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD623BR bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD623BR
Giải thích chi tiết về linh kiện  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD623BR bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD623BR Datasheet HTML 2Page - Analog Devices AD623BR Datasheet HTML 3Page - Analog Devices AD623BR Datasheet HTML 4Page - Analog Devices AD623BR Datasheet HTML 5Page - Analog Devices AD623BR Datasheet HTML 6Page - Analog Devices AD623BR Datasheet HTML 7Page - Analog Devices AD623BR Datasheet HTML 8Page - Analog Devices AD623BR Datasheet HTML 9Page - Analog Devices AD623BR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD623
Rev. D | Page 6 of 24
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
800
800
800
kHz
G = 10
100
100
100
kHz
G = 100
10
10
10
kHz
G = 1000
2
2
2
kHz
Slew Rate
0.3
0.3
0.3
V/μs
Settling Time to 0.01%
VS = ±5 V,
5 V step
G = 1
30
30
30
μs
G = 10
20
20
20
μs
1 Does not include effects of external resistor, RG.
2 One input grounded. G = 1.
BOTH DUAL AND SINGLE SUPPLIES
Table 3.
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
NOISE
Voltage Noise, 1 kHz
Total RTI noise =
() ()2
2
/G
e
e
no
ni
+
Input, Voltage Noise, eni
35
35
35
nV/√Hz
Output, Voltage Noise, eno
50
50
50
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
3.0
3.0
3.0
μV p-p
G = 1000
1.5
1.5
1.5
μV p-p
Current Noise
f = 1 kHz
100
100
100
fA/√Hz
0.1 Hz to 10 Hz
1.5
1.5
1.5
pA p-p
REFERENCE INPUT
RIN
100 ±
20%
100 ±
20%
100 ±
20%
IIN
VIN+, VREF = 0 V
50
60
50
60
50
60
μA
Voltage Range
−VS
+VS
−VS
+VS
−VS
+VS
V
Gain to Output
1 ±
0.0002
1 ±
0.0002
1 ±
0.0002
V
POWER SUPPLY
Operating Range
Dual supply
±2.5
±6
±2.5
±6
±2.5
±6
V
Single supply
2.7
12
2.7
12
2.7
12
V
Quiescent Current
Dual supply
375
550
375
550
375
550
μA
Single supply
305
480
305
480
305
480
μA
Over Temperature
625
625
625
μA
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
−40
+85
°C


Số phần tương tự - AD623BR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD623BR AD-AD623BR Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623BR-REEL AD-AD623BR-REEL Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623BR-REEL7 AD-AD623BR-REEL7 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
More results

Mô tả tương tự - AD623BR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD8223 AD-AD8223 Datasheet
420Kb / 20P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com