công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD622 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD622
Giải thích chi tiết về linh kiện  Low Cost Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD622 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD622_1 Datasheet HTML 6Page - Analog Devices AD622_1 Datasheet HTML 7Page - Analog Devices AD622_1 Datasheet HTML 8Page - Analog Devices AD622_1 Datasheet HTML 9Page - Analog Devices AD622_1 Datasheet HTML 10Page - Analog Devices AD622_1 Datasheet HTML 11Page - Analog Devices AD622_1 Datasheet HTML 12Page - Analog Devices AD622_1 Datasheet HTML 13Page - Analog Devices AD622_1 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD622
Rev. D | Page 10 of 16
The AD622 provides greater accuracy at lower cost. The higher
cost of the homebrew circuit is dominated in this case by the
matched resistor network. One could also realize a homebrew
design using cheaper discrete resistors that are either trimmed
or hand selected to give high common-mode rejection. This
level of common-mode rejection, however, degrades significantly
over temperature due to the drift mismatch of the discrete
resistors.
Note that for the homebrew circuit, the LT1013 specification for
noise has been multiplied by √2. This is because a two op amp
type instrumentation amplifier has two op amps at its inputs,
both contributing to the overall noise.
Table 4. Make vs. Buy Error Budget
Total Error in ppm
Relative to 1 V FS
Error Source
AD622 Circuit Calculation
Homebrew Circuit Calculation
AD622
Homebrew
ABSOLUTE ACCURACY at TA = 25°C
Total RTI Offset Voltage, μV
250 μV + 1500 μV/10
800 μV × 2
400
1600
Input Offset Current, nA
2.5 nA × 1 kΩ
15 nA × 1 kΩ
2.5
15
CMR, dB
86 dB
→50 ppm × 0.5 V
(0.1% Match × 0.5 V)/10 V
25
50
Total Absolute Error
427.5
1665
DRIFT TO 85°C
Gain Drift, ppm/°C
(50 ppm + 5 ppm) × 60°C
(50 ppm)/°C × 60°C
3300
3000
Total RTI Offset Voltage, μV/°C
(2 μV/°C + 15 μV/°C /10) × 60°C
9 μV/°C × 2 × 60°C
210
1080
Input Offset Current, pA/°C
2 pA/°C × 1 kΩ × 60°C
155 pA/°C × 1 kΩ × 60°C
0.12
9.3
Total Drift Error
3510.12
4089.3
RESOLUTION
Gain Nonlinearity, ppm of Full Scale
10 ppm
20 ppm
10
20
Typ 0.1 Hz to 10 Hz Voltage Noise, μV p-p
0.6 μV p-p
0.55 μV p-p × √2
0.6
0.778
Total Resolution Error
10.6
20.778
Grand Total Error
3948
5775


Số phần tương tự - AD622_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
More results

Mô tả tương tự - AD622_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD620 AD-AD620_04 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_05 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_16 Datasheet
483Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com