công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GS1B bảng dữ liệu(PDF) 2 Page - Pan Jit International Inc. |
|
GS1B bảng dữ liệu(HTML) 2 Page - Pan Jit International Inc. |
2 / 3 page PAGE . 2 STAD-FEB.04.2009 1 GS1A~GS1M Fig.1 FORWARD CURRENT DERATING CURVE Fig.5 TYPICAL JUNCTION CAPACITANCE RATING AND CHARACTERISTIC CURVES 3 .0 2.0 1.0 0 0 50 100 150 0 .5 1.5 2.5 LEAD TEMPERATURE, C O SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD P.C.B MOUNTED ON 0.3 x 0.3" (8.0 x 8.0mm) COPPER PAD A REAS 100 40 20 10 4.0 2.0 1.0 0.4 0.2 0.1 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.4 Fig.2-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE, VOLTS 25 20 15 10 5 0 1 2 6 10 20 40 60 100 30 Fig.4-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT NUMBER OF CYCLES AT 60Hz 8.3ms Single Half Sine-Wave JEDEC Method 10 0.1 1.0 100 1000 1 2 5 10 20 50 100 T= 25 C f=1.0mHz Vsig=50mVp-p J O REVERSE VOLTAGE, VOLTS Fig.3-TYPICALREVERSECHARACTERISTIC PERCENTAGE OF PEAK REVERSE VOLTAGE,% 0.01 20 40 60 80 100 120 140 0.1 1.0 10 100 T= 125 C o J T= 100 C J O T= 25 C J O |
Số phần tương tự - GS1B |
|
Mô tả tương tự - GS1B |