công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4007 bảng dữ liệu(PDF) 1 Page - Pan Jit International Inc.

tên linh kiện 1N4007
Giải thích chi tiết về linh kiện  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANJIT [Pan Jit International Inc.]
Trang chủ  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4007 bảng dữ liệu(HTML) 1 Page - Pan Jit International Inc.

  1N4007 Datasheet HTML 1Page - Pan Jit International Inc. 1N4007 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
June 29,2010-REV.02
1N4001-1N4007
FEATURES
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• Exceeds environmental standards of MIL-S-19500/228
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: DO-41 Molded plastic
• Epoxy: UL 94V-O rate flame retardant.
• Lead: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Mounting Position: Any
• Weight: 0.012 ounces, 0.30 gram
PLASTIC SILICON RECTIFIERS
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Ambient and from junction to lead at 0.375”(9.5mm)lead length P.C.B.mounted.
DO-41
Unit: inch(mm)
.034(.86)
.107(2.7)
.028(.71)
.080(2.0)
VOLTAGE
50 to 1000 Volts
CURRENT
1.0 Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load,derate current by 20%.
PA RA M E TE R
S YM B O L 1N400 1 1 N4 0 0 2 1 N4 003 1N4 004 1N4 005 1N4006 1N4007
UNITS
M a xi m um Re c ur r e nt P eak R e ve r s e Vo ltage
V
RRM
50
100
200
400
600
800
1000
V
M a xi mum RM S Vo lt ag e
V
RMS
35
70
140
280
420
560
700
V
M a xi m um D C B loc ki ng Vo ltage
V
DC
50
100
200
400
600
800
1000
V
M a xi m um A ver age F o r war d
C ur r ent . 375"( 9 .5 m m )
lead le ng t h at T
A =7 5
O C
I
F(A V )
1. 0
A
P eak F o r war d S ur ge C ur r e nt : 8. 3m s s i ng le ha lf s i ne -
wa ve super i m pos ed on r a t ed load ( J E D E C m e t hod)
I
FSM
30
A
M a xi m um F o r war d Vo ltage at 1. 0A
V
F
1. 1
V
M a xi m um D C Re ve r s e C ur r ent at Ra t e d
D C B loc k i ng Vo lt age
T
J =2 5
O C
T
J = 100
OC
I
R
5. 0
500
μA
Typi c a l Junc t i on C apac i tanc e ( Note 1)
C
J
15
pF
Typi c a l Ther m a l Re s i s t anc e ( Not e 2)
R
θJA
R
θJC
R
θJL
11 0
40
35
OC / W
Oper ati ng J unc ti on and S t or age Te m per at ur e Ra ng e
T
J ,T STG
- 55 t o + 150
OC


Số phần tương tự - 1N4007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
WILLAS ELECTRONIC CORP
1N4007 WILLAS-1N4007 Datasheet
357Kb / 3P
   1.0A AXIAL SILICON RECTIFIERS-50V-1000V DO-41 PACKAGE
logo
Guangdong Kexin Industr...
1N4007 KEXIN-1N4007 Datasheet
553Kb / 2P
   Rectifier Diodes
logo
Pan Jit International I...
1N4007 PANJIT-1N4007 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
EIC discrete Semiconduc...
1N4007 EIC-1N4007 Datasheet
54Kb / 2P
   SILICON RECTIFIER DIODES
More results

Mô tả tương tự - 1N4007

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com