công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11999 bảng dữ liệu(PDF) 10 Page - Sanyo Semicon Device

tên linh kiện LB11999
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Drivers for CD-ROM Spindle Motor Driver (supports 44x, 48x, 50x)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11999 bảng dữ liệu(HTML) 10 Page - Sanyo Semicon Device

Back Button LB11999 Datasheet HTML 4Page - Sanyo Semicon Device LB11999 Datasheet HTML 5Page - Sanyo Semicon Device LB11999 Datasheet HTML 6Page - Sanyo Semicon Device LB11999 Datasheet HTML 7Page - Sanyo Semicon Device LB11999 Datasheet HTML 8Page - Sanyo Semicon Device LB11999 Datasheet HTML 9Page - Sanyo Semicon Device LB11999 Datasheet HTML 10Page - Sanyo Semicon Device LB11999 Datasheet HTML 11Page - Sanyo Semicon Device LB11999 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LB11999,11999H
No. 6180-10/12
Pin Description
Continued on next page
Source side predrive voltage supply
pin.
Constant current control amplifier
voltage supply pin.
Power supply pin for all voltage
except output transistors, source
predrive, and low current control
amplifier.
Reverse detector pin
Forward rotation: High
Reverse rotation: Low
1 Hall element waveform Schmitt
comparator composite output
U phase Hall element input and
reverse detector U phase Schmitt
comparator input pin.
Logic High indicates UIN1 > UIN2.
V phase Hall element input and
reverse detector V phase Schmitt
comparator input pin.
Logic High indicates VIN1 > VIN2.
W phase Hall element input and
reverse detector W phase Schmitt
comparator input pin.
Logic High indicates WIN1 > WIN2.
Hall element lower side bias voltage
supply pin.
When this pin is at 0.7V or lower, or
when it is open, all circuits are
inactive.
When driving motor, set this pin to
2V or higher.
VCC2
VCC3
VCC1
1.2V to
VCC1–1V
VH
0V to VCC1
RS
FG
UIN1
UIN2
VIN1
VIN2
WIN1
WIN2
S/S
4V to 13.6V
4V to 13.6V
4V to 6V
3 (26)
4 (25)
6 (22)
14 (14)
15 (13)
8 (20)
7 (21)
10 (18)
9 (19)
12 (16)
11 (17)
13 (15)
17 (11)
Pin number
Pin name
Pin voltage
Equivalent circuit
Pin function
14
100
µ
10k
VCC1
15
(13)
13
75
µA
2k
30k
VCC1
(15)
17
75k
50k
VCC1
(11)
*(
): LB11999H
Unit (Resistance:
Ω, capacitance: F)
10
12
9
11
200
200
25
µA
25
µA
25
µA
VCC1
8
7
21
19
17
20
18
16


Số phần tương tự - LB11999

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11990W SANYO-LB11990W Datasheet
151Kb / 14P
   Three-Phase Brushless Motor Driver
LB11993W SANYO-LB11993W Datasheet
167Kb / 15P
   Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

Mô tả tương tự - LB11999

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com