công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11995 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện LB11995
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11995 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  LB11995 Datasheet HTML 1Page - Sanyo Semicon Device LB11995 Datasheet HTML 2Page - Sanyo Semicon Device LB11995 Datasheet HTML 3Page - Sanyo Semicon Device LB11995 Datasheet HTML 4Page - Sanyo Semicon Device LB11995 Datasheet HTML 5Page - Sanyo Semicon Device LB11995 Datasheet HTML 6Page - Sanyo Semicon Device LB11995 Datasheet HTML 7Page - Sanyo Semicon Device LB11995 Datasheet HTML 8Page - Sanyo Semicon Device LB11995 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LB11995
No. 6112-1/10
LB11995
Three-Phase Brushless Motor Driver
for CD-ROM Spindle Drive
Monolithic Digital IC
The LB11995 is a 3-phase brushless motor driver
especially suited for CD-ROM spindle motor drives.
Functions
• Current linear drive
• Control V type amplifier
• Separate power supply for output upper side bias
circuit allows low output saturation by boosting this
power supply only (useful for 5V power supply types).
• Upper side current detection technique reduces loss
voltage of current detection resistor. Voltage drop
caused by this resistor reduces internal power
dissipation of IC.
• Built-in short braking circuit
• Built-in reverse blocking circuit
• Hall FG output
• Built-in S/S function
• Built-in current limiter circuit (selectable, 2 steps)
• Built-in Hall power supply
• Built-in thermal shutdown circuit
• Supports 3.3V DSP
Package Dimensions
unit: mm
3227-HSOP24
[LB11995]
Overview
SANYO : HSOP24
Ordering number : EN6112
62599RM(KI)
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
15.3
4.3
0.3
0.3
0.8
0.85
0.25
24
1
12
13
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
0
–20
20
40
60
75 80
100
0.4
0.8
1.2
1.6
1.9
2.0
0
Ambient temperature, Ta –
°C
Pd max – Ta
IC only
With substrate
1.14
0.48


Số phần tương tự - LB11995

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

Mô tả tương tự - LB11995

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com