công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11995 bảng dữ liệu(PDF) 8 Page - Sanyo Semicon Device

tên linh kiện LB11995
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11995 bảng dữ liệu(HTML) 8 Page - Sanyo Semicon Device

Back Button LB11995 Datasheet HTML 2Page - Sanyo Semicon Device LB11995 Datasheet HTML 3Page - Sanyo Semicon Device LB11995 Datasheet HTML 4Page - Sanyo Semicon Device LB11995 Datasheet HTML 5Page - Sanyo Semicon Device LB11995 Datasheet HTML 6Page - Sanyo Semicon Device LB11995 Datasheet HTML 7Page - Sanyo Semicon Device LB11995 Datasheet HTML 8Page - Sanyo Semicon Device LB11995 Datasheet HTML 9Page - Sanyo Semicon Device LB11995 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LB11995
No. 6112-8/10
Pin number
Pin name
Pin voltage
Equivalent circuit
Pin function
3
4V to 13.6V
4
4V to 13.6V
6
4V to 6V
14
R S
15
F G
13
17
S/S
18
SIG GND
20
F C
8
7
10
9
12
11
Pin Descriptions
Continued on next page
Source side predrive voltage supply
pin
Constant current control amplifier
voltage supply pin
Power supply pin for all circuits
except output transistors, source
predriver, and constant current
control amplifier
Reverse detector pin
Forward rotation: High
Reverse rotation: Low
1 Hall element waveform Schmitt
comparator composite output
U phase Hall element input and
reverse detector U phase Schmitt
comparator input pin
Logic High indicates UIN1 > UIN2.
V phase Hall element input and
reverse detector V phase Schmitt
comparator input pin
Logic High indicates VIN1 > VIN2.
W phase Hall element input and
reverse detector W phase Schmitt
comparator input pin
Logic High indicates WIN1 > WIN2.
Hall element lower side bias voltage
supply pin
When this pin is at 0.7V or lower, or
when it is open, all circuits are
inactive. When driving motor, set
this pin to 2V or higher.
Control loop frequency compensa-
tor pin. Connecting a capacitor
between this pin and GND prevents
closed loop oscillation in current
limiting circuitry.
GND pin for all circuits except
output
VCC2
VCC3
VCC1
UIN1
UIN2
VIN1
VIN2
WIN1
WIN2
1.2V to
VCC1–1V
VH
0V to VCC1
14 15
VCC1
100
µA
10k
A12341
A12342
10
8
12
25
µA
9
7
11
25
µA
25
µA
200
200
VCC1
13
VCC1
75
µA
30k
2k
A12343
17
VCC1
50k
75k
A12344
20
VCC1
2k
20k
5k
A12345


Số phần tương tự - LB11995

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

Mô tả tương tự - LB11995

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1996 SANYO-LB1996 Datasheet
90Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com