công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11990W bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device

tên linh kiện LB11990W
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11990W bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device

  LB11990W Datasheet HTML 1Page - Sanyo Semicon Device LB11990W Datasheet HTML 2Page - Sanyo Semicon Device LB11990W Datasheet HTML 3Page - Sanyo Semicon Device LB11990W Datasheet HTML 4Page - Sanyo Semicon Device LB11990W Datasheet HTML 5Page - Sanyo Semicon Device LB11990W Datasheet HTML 6Page - Sanyo Semicon Device LB11990W Datasheet HTML 7Page - Sanyo Semicon Device LB11990W Datasheet HTML 8Page - Sanyo Semicon Device LB11990W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LB11990W
No. 6216-4/14
Loading Motor Driver Block at Ta = 25
°C, V
CC1 = 3V, VCC2 = 4.75V, VS = 3V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VCC1 power supply current 1
ICC11
VSTBY_C = VSTBY_D = 0V (standby)
2.1
4
mA
VCC1 power supply current 2
ICC12
VSTBY_C = VSTBY_D = 0V (forward/reverse)
14
19
mA
VCC1 power supply current 3
ICC13
VSTBY_C = VSTBY_D = 0V (at braking)
10
14
mA
VCC2 power supply current 1
ICC21
VSTBY_C, D = 0V (standby (VCC1 = OPEN))
100
µA
VCC2 power supply current 2
ICC22
VSTBY_C, D = 0V (standby (VCC1 = 3.0V))
100
µA
VCC2 power supply current 3
ICC23
VSTBY_C, D = 0V (forward/reverse)
15.0
25
mA
VS L power supply current
I VS L
VSTBY_C, D = 0V (standby)
20
µA
[Logic input (DEC1 pin, DEC2 pin)]
High level input voltage
VINH
VCC1 = 2.7 to 4.0V
2.0
VCC1V
High level flowing current
IINH
VIN = 3.0V
41
65
µA
Low level input voltage
VINL
VCC1 = 2.7 to 4.0V
–0.2
0.6
V
Low level flowing current
IINL
VIN = 0.6V
5
10
µA
[Loading motor driver]
Output saturation voltage 1
VOH
IO = 200 mA (upper/lower composition)
0.2
0.3
V
Output saturation voltage 2
VSHIS
IO = 400 mA (upper/lower composition)
0.4
0.6
V
[Reel FG amplifier]
Input offset voltage
VIO
±1
±5mV
Input bias current
IB
1
µA
Common mode input voltage range
VICM
1
2
V
Open loop gain
GV1
55
dB
[Thermal shutdown circuit]
TSD operating temperature
T-TSD
(Target)
180
°C
TSD temperature hysteresis width
∆TSD
(Target)
15
°C
Note) Items shown to be “Target” are not measured.
Truth Table
Capstan Motor Truth Table
Hall input
Source –> Sink
U
V
W
FRC
1
V –> W
HH
L
H
W –> V
L
2
U –> W
HL
L
H
W –> U
L
3
U –> V
HLH
H
V –> U
L
4
W –> V
LL
H
H
V –> W
L
5
W –> U
LH
H
H
U –> W
L
6
V –> U
LHL
H
U –> V
L
Note:
“H” for FR means a voltage of 2.50V or above. “L” for FR means a voltage of 0.4V or below.
(Vcc1 = 3V)
Note:
At the Hall input, “H” means that the potential of the (+) terminal for each phase input is at least 0.02V higher than the (–) terminal.
“L” means that the potential of the (+) terminal for each phase input is at least 0.02V lower than the (–) terminal.
Loading Motor Truth Table
Input
Output
Mode
DEC1
DEC2
OUT1
OUT2
L
L
Off
Off
Standby
H
L
H
L
Forward
L
H
L
H
Reverse
H
H
L
L
Brake


Số phần tương tự - LB11990W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11993W SANYO-LB11993W Datasheet
167Kb / 15P
   Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11996H SANYO-LB11996H Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

Mô tả tương tự - LB11990W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com