công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11990W bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện LB11990W
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11990W bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  LB11990W Datasheet HTML 1Page - Sanyo Semicon Device LB11990W Datasheet HTML 2Page - Sanyo Semicon Device LB11990W Datasheet HTML 3Page - Sanyo Semicon Device LB11990W Datasheet HTML 4Page - Sanyo Semicon Device LB11990W Datasheet HTML 5Page - Sanyo Semicon Device LB11990W Datasheet HTML 6Page - Sanyo Semicon Device LB11990W Datasheet HTML 7Page - Sanyo Semicon Device LB11990W Datasheet HTML 8Page - Sanyo Semicon Device LB11990W Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LB11990W
No. 6216-2/14
Electrical Characteristics/Capstan Motor Driver Block at Ta = 25˚C, VCC1 = 3V, VCC2 = 4.75V, VS = 1.5V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Vcc1 power supply current
Icc1
Iout = 100 mA VSTBY_C = 3V
4
8
mA
Vcc2 power supply current
Icc2
Iout = 100 mA VSTBY_C = 3V
6
12
mA
Vcc1 idle current
Icc1Q
VSTBY_C = 0V
2.1
4
mA
Vcc2 idle current
Icc2Q
VSTBY_C = 0V
100
µA
Vs idle current
IsQ
VSTBY_C = 0V
75
100
µA
Upper side residual voltage
VXH1
Iout = 0.2A
0.15
0.22
0.29
V
Lower side residual voltage
VXL1
Iout = 0.2A
0.15
0.20
0.25
V
Upper side residual voltage
VXH2
Iout = 0.5A
0.25
0.40
V
Lower side residual voltage
VXL2
Iout = 0.5A
0.25
0.40
V
Output saturation voltage
Vosat
Iout = 0.8A, Sink + Source
1.40
V
Overlap amount
O.L
RL = 39
Ω × 3, Rangle = 20 kΩ Note 2
73
80
87
%
Input offset voltage
VHOFF
Note 1 Design target value
–5
+5
mV
Common mode input range
VHCM
Rangle = 20 k
0.95
2.1
V
Input/output voltage gain
VGVH
Rangle = 20 k
24.5
27.5
30.5
dB
High level voltage
VSTH
2.5
VCC1V
Low level voltage
VSTL
–0.2
+0.7
V
Input current
ISTIN
VSTBY_C = 3V
50
µA
Leakage current
ISTLK
VSTBY_C = 0V
–30
µA
High level voltage
VFRCH
2.5
VCC1V
Low level voltage
VFRCL
–0.2
+0.4
V
Input current
IFRCIN
VFRC_C = 3V
20
30
µA
Leakage current
IFRCLK
VFRC_C = 0V
–30
µA
Hall power supply voltage
VHALL
IH = 5 mA, VH(+) – VH(–)
0.75
0.85
0.95
V
(–) pin voltage
VH(–)
IH = 5 mA
0.81
0.88
0.95
V
Input offset voltage
VFGOFF
–3
+3
mV
Input bias current
IbFG
VFGIN+ = VFGIN– = 1.5V
500
nA
Input bias current offset
∆IbFG
VFGIN+ = VFGIN– = 1.5V
–100
+100
nA
Common mode input range
VFGCM
1.2
2.5
V
High level output voltage
VFGOH
With internal pull-up
2.8
V
Low level output voltage
VFGOL
With internal pull-up
0.2
V
Voltage gain
VGFG
Note 1 Design target value
100
dB
Output current (Sink)
IFGOs
At output pin “L”
5
mA
Note 1: Design target value, not measured
Note 2: The overlap amount specification is taken as the measurement specification.
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage 1
VCC1VCC1 ≤ VCC2
2.7 to 6.0
V
Power supply voltage 2
VCC2
3.5 to 8.5
V
Power supply voltage 3
VS_C
VS_C
≤ V
CC2
to 7.0
V
Power supply voltage 4
VS_D
VS_D
≤ V
CC2
to 7.0
V
Power supply voltage 5
VS_L
VS_L
≤ V
CC2
2.2 to 7.0
V
Hall input amplitude
VHALL
Capstan motor
±20 to ±80
mVp–p


Số phần tương tự - LB11990W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11993W SANYO-LB11993W Datasheet
167Kb / 15P
   Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11996H SANYO-LB11996H Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

Mô tả tương tự - LB11990W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com