công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LB11990W bảng dữ liệu(PDF) 11 Page - Sanyo Semicon Device

tên linh kiện LB11990W
Giải thích chi tiết về linh kiện  Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11990W bảng dữ liệu(HTML) 11 Page - Sanyo Semicon Device

Back Button LB11990W Datasheet HTML 6Page - Sanyo Semicon Device LB11990W Datasheet HTML 7Page - Sanyo Semicon Device LB11990W Datasheet HTML 8Page - Sanyo Semicon Device LB11990W Datasheet HTML 9Page - Sanyo Semicon Device LB11990W Datasheet HTML 10Page - Sanyo Semicon Device LB11990W Datasheet HTML 11Page - Sanyo Semicon Device LB11990W Datasheet HTML 12Page - Sanyo Semicon Device LB11990W Datasheet HTML 13Page - Sanyo Semicon Device LB11990W Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LB11990W
No. 6216-11/14
Continued from preceding page
Pin number
17
60
41
22
13
14
27
Pin name
FRC_D
VS_D
VCC2
VCC1
CSLP1
CSLP2
GND
Equivalent circuit
Pin function
Drum motor forward/reverse
rotation select pin.
Low: forward
(–0.2V to 0.7V or open)
High: reverse
(2V to VCC1)
Power supply pin for determining
output amplitude by supplying
drum motor voltage.
Must be lower than VCC2 voltage.
Power supply pin for supplying
source side predriver voltage and
coil waveform detect comparator
voltage. Common for loading,
capstan, and drum motors.
Power supply pin for circuits
except motor voltage, source
side predriver voltage, and coil
waveform detect comparator
voltage.
Common for loading, capstan,
and drum motors.
Pins for connecting triangular
wave oscillator capacitor. This
triangular wave coil output
performs waveform soft switching.
Ground pin for all circuits except
output.
Pin voltage
0 to VCC1
0V to VCC2
3.5V to 8.5V
2.7V to 6V
Continued on next page
VCC1
50k
17
VCC1
1k
13 14


Số phần tương tự - LB11990W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LB11993W SANYO-LB11993W Datasheet
167Kb / 15P
   Monolithic Digital IC For Digital Video Camera Three-phase Brushless 3-in-1 Motor Driver
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995H SANYO-LB11995H Datasheet
90Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB11996H SANYO-LB11996H Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
More results

Mô tả tương tự - LB11990W

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com