công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8L101F2P6A bảng dữ liệu(PDF) 8 Page - STMicroelectronics |
|
STM8L101F2P6A bảng dữ liệu(HTML) 8 Page - STMicroelectronics |
8 / 81 page Description STM8L101xx 8/81 Doc ID 15275 Rev 11 family very easy, and simplified even more by the use of a common set of development tools. All STM8L low power products are based on the same architecture with the same memory mapping and a coherent pinout. Table 2. Device features Features STM8L101xx Flash 2 Kbytes of Flash program memory 4 Kbytes of Flash program memory 8 Kbytes of Flash program memory including up to 2 Kbytes of Data EEPROM RAM 1.5 Kbytes Peripheral functions Independent watchdog (IWDG), Auto-wakeup unit (AWU), Beep, Serial peripheral interface (SPI), Inter-integrated circuit (I²C), Universal synchronous / asynchronous receiver / transmitter (USART), 2 comparators, Infrared (IR) interface Timers Two 16-bit timers, one 8-bit timer Operating voltage 1.65 to 3.6 V Operating temperature -40 to +85 °C -40 to +85 °C or -40 to +125 °C Packages UFQFPN20 3x3 UFQFPN28 4x 4 UFQFPN20 3x3 TSSOP20 4.4 x 6.4 UFQFPN28 4x4 UFQFPN20 3x3 UFQFPN32 LQFP32 |
Số phần tương tự - STM8L101F2P6A |
|
Mô tả tương tự - STM8L101F2P6A |