công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8L151G6Y3 bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện STM8L151G6Y3
Giải thích chi tiết về linh kiện  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151G6Y3 bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button STM8L151G6Y3 Datasheet HTML 6Page - STMicroelectronics STM8L151G6Y3 Datasheet HTML 7Page - STMicroelectronics STM8L151G6Y3 Datasheet HTML 8Page - STMicroelectronics STM8L151G6Y3 Datasheet HTML 9Page - STMicroelectronics STM8L151G6Y3 Datasheet HTML 10Page - STMicroelectronics STM8L151G6Y3 Datasheet HTML 11Page - STMicroelectronics STM8L151G6Y3 Datasheet HTML 12Page - STMicroelectronics STM8L151G6Y3 Datasheet HTML 13Page - STMicroelectronics STM8L151G6Y3 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 122 page
background image
Description
STM8L151xx, STM8L152xx
10/122
Doc ID 15962 Rev 5
2
Description
The STM8L15xxx devices are members of the STM8L Ultralow power 8-bit family. The
STM8L15xxx family operates from 1.8 V to 3.6 V (down to 1.65 V at power down) and is
available in the -40 to +85 °C and -40 to +125 °C temperature ranges.
The STM8L15xxx Ultralow power family features the enhanced STM8 CPU core providing
increased processing power (up to 16 MIPS at 16 MHz) while maintaining the advantages of
a CISC architecture with improved code density, a 24-bit linear addressing space and an
optimized architecture for low power operations.
The family includes an integrated debug module with a hardware interface (SWIM) which
allows non-intrusive In-Application debugging and ultrafast Flash programming.
All STM8L15xxx microcontrollers feature embedded data EEPROM and low power low-
voltage single-supply program Flash memory.
They incorporate an extensive range of enhanced I/Os and peripherals.
The modular design of the peripheral set allows the same peripherals to be found in different
ST microcontroller families including 32-bit families. This makes any transition to a different
family very easy, and simplified even more by the use of a common set of development
tools.
Six different packages are proposed from 28 to 48 pins. Depending on the device chosen,
different sets of peripherals are included. .
All STM8L Ultralow power products are based on the same architecture with the same
memory mapping and a coherent pinout.


Số phần tương tự - STM8L151G6Y3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8L151G6 STMICROELECTRONICS-STM8L151G6 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151G6 STMICROELECTRONICS-STM8L151G6 Datasheet
1Mb / 142P
   Advanced STM8 core
April 2017 Rev 15
STM8L151G6T3 STMICROELECTRONICS-STM8L151G6T3 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151G6T6 STMICROELECTRONICS-STM8L151G6T6 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151G6U3 STMICROELECTRONICS-STM8L151G6U3 Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
More results

Mô tả tương tự - STM8L151G6Y3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
   8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
STM8L151F3P6 STMICROELECTRONICS-STM8L151F3P6 Datasheet
1Mb / 112P
   8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2012 Rev 4
STM8L151C8T6 STMICROELECTRONICS-STM8L151C8T6 Datasheet
1Mb / 129P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
STM8L152M8T6 STMICROELECTRONICS-STM8L152M8T6 Datasheet
1Mb / 134P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
July 2013 Rev 6
STM8L152C8T6 STMICROELECTRONICS-STM8L152C8T6 Datasheet
1Mb / 134P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
STM8L152R6T6 STMICROELECTRONICS-STM8L152R6T6 Datasheet
1Mb / 129P
   8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
STM8L052C6T6 STMICROELECTRONICS-STM8L052C6T6 Datasheet
1Mb / 102P
   Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
June 2012 Rev 1
STM8L052R8T6 STMICROELECTRONICS-STM8L052R8T6 Datasheet
442Kb / 55P
   Value Line, 8-bit ultralow power MCU, 64-KB Flash, 256-bytes data EEPROM, RTC, LCD, timers,USART, I2C, SPI, ADC
June 2012 Rev 2
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
   8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
STM8L151X6 STMICROELECTRONICS-STM8L151X6_V01 Datasheet
3Mb / 147P
   8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com