công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-X6759F bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện STR-X6759F
Giải thích chi tiết về linh kiện  Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-X6759F bảng dữ liệu(HTML) 1 Page - Sanken electric

  STR-X6759F Datasheet HTML 1Page - Sanken electric STR-X6759F Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TO-3PF-7
STR-X6700
Series
Power IC for Quasi-Resonant Type Switching Power Supply
with High Efficiency and Low Noise in Full Load Range
General Descriptions
The STR-X6700 series products are power ICs for quasi-resonant type switching power
supplies, incorporating a power MOSFET and a controller IC, The product achieves high
efficiency and low noise power supply systems by the quasi-resonant operation and the
bottom-skip quasi-resonant operation.
The STR-W6700 series products are the different package (TO-220F) versions.
Features
Multi-Mode Control
The operation mode switching with three steps according to load conditions achieves the
optimal high efficiency and low noise power supply systems across the full load range.
(The confirmation of product number is necessary because some functions are different in each product.)
・In Standby (Under Standby Load Conditions):
-UVLO Intermittent Oscillation by low output voltage --- Switched by Standby Signal, or
-Auto Burst-Oscillation --- Switched Automatically
・Under Low to Middle Load Conditions: Bottom-Skip Quasi-Resonant Operation (Bottom-Skip QR)
・Under Middle to Rating (or Heavy) Load Conditions: Quasi-Resonant Operation (QR)
Current-Mode Control
Built-in PWM Oscillator
The PWM operates with the minimum frequency of around 22 kHz, until the quasi-resonant signal becomes
valid, reduces the stress on components at startup and load-shorted.
Soft-Start Function
Step-Drive Function, reducing switching noise
Built-in Maximum ON Time Limitation Circuit
The function limits the maximum ON time of power MOSFET, during the transitions at low input voltage,
power ON/OFF.
Input Compensation at Overcurrent
The function reduces the distortion of overcurrent operation point to AC input voltage change by adding three
components.
Built-in Avalanche Energy Guaranteed High-Voltage Power MOSFET
Various Protections
Overcurrent Protection (OCP) -------------------------------Pulse-by-Pulse
Overload Protection (OLP) -----------------------------------Latch Shutdown
Overvoltage Protection (OVP)-------------------------------Latch Shutdown
Applications
Switching Power Supplies for
Digital Consumer Equipment; LCD-TVs, PDP-TVs, CRT-TVs, etc., Home Appliances, OA Equipments,
Industry Machines, Communication Devices, Others
Product Lineup
Product No.
MOSFET
VDSS MIN
(V)
RDS(ON)
MAX
( )
Burst-
Oscillation
Bottom-
Skip QR
Product No.
MOSFET
VDSS MIN
(V)
RDS(ON)
MAX
( )
Burst-
Oscillation
Bottom-
Skip QR
STR-X6729
450
0.189
N
Y
STR-X6750F
650
0.62
Y
N
STR-X6737
500
0.36
Y
Y
STR-X6759N
650
0.385
N
Y
STR-X6737M
500
0.36
N
Y
STR-X6759F
650
0.385
Y
N
STR-X6756
650
0.73
Y
Y
STR-X6759B
650
0.385
N
N
STR-X6757
650
0.62
Y
Y
STR-X6768N
800
1.0
N
Y
STR-X6757N
650
0.62
N
Y
STR-X6769
800
0.66
Y
Y
STR-X6750B
650
0.62
N
Y
STR-X6769B
800
0.66
N
N
Y: Including the function
N: Excluding the function


Số phần tương tự - STR-X6759F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
More results

Mô tả tương tự - STR-X6759F

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-Y6400 SANKEN-STR-Y6400 Datasheet
239Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6700 SANKEN-STR-W6700 Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-L400 SANKEN-STR-L400 Datasheet
71Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
STR-L6400 SANKEN-STR-L6400 Datasheet
85Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
STR-L6472 SANKEN-STR-L6472 Datasheet
85Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply
STR-L451 SANKEN-STR-L451 Datasheet
72Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply
STR-Y6700 SANKEN-STR-Y6700 Datasheet
189Kb / 2P
   Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
logo
Sanyo Semicon Device
TN6Q04 SANYO-TN6Q04 Datasheet
40Kb / 4P
   ExPD (Excellent Power Device) Quasi-Resonant Switching Power Supply ExPD
logo
Sanken electric
SSC9510 SANKEN-SSC9510 Datasheet
124Kb / 2P
   Controller IC for Current Resonant Type Switching Power Supply with Half-Bridge Resonance
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com