công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-L472 bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện STR-L472
Giải thích chi tiết về linh kiện  Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-L472 bảng dữ liệu(HTML) 1 Page - Sanken electric

  STR-L472 Datasheet HTML 1Page - Sanken electric STR-L472 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SIP-10
STR-L400
Series
Power IC for Quasi-Resonant Type Switching Power Supply
with High Efficiency, Low Noise
Low-Height, and Enough Creepage Isolation (>6mm)
between High and Low Voltage Terminals
General Descriptions
The STR-L400 series products are power ICs for quasi-resonant switching type power
supplies, incorporating a power MOSFET and a controller IC in the SIP-10 package.
The product achieves high efficiency and low noise power supply systems by the
quasi-resonant operation. The product is recommended for the systems requiring low-height
and enough clearance and creepage isolation between high and low voltage terminals.
Features
Quasi-Resonant Operation
Current-Mode Control
Built-in Oscillator for Low Frequency Operation
The operation with low frequency of 50µs OFF time (around 22 kHz), until the quasi-resonant signal becomes
valid, reduces the stress on components at startup and load-shorted.
SIP-10 Package (Sanken designation: STA-10L), recommended for auxiliary power supplies of White Goods.
Straight lead pitch: 2.54mm, Height over PCB: < 12mm
Clearance and Creepage Isolation on PCB between high and low voltage terminals: 6.5mm (4 pins removed)
Input Compensation at Overcurrent
The function reduces the distortion of overcurrent operation point to AC input voltage change by adding three
components.
Built-in Avalanche Energy Guaranteed High-Voltage Power MOSFET
Various Protections
Overcurrent Protection (OCP)---------------------------------- Pulse-by-Pulse
Overload Protection (OLP) ------------------------------------- Latch Shutdown
Thermal Shutdown Protection (TSD) ------------------------- Latch Shutdown
Applications
Switching Power Supplies for
Standby Power Supplies, Home Appliances (White Goods), Digital Consumer Equipment, OA Equipment,
Industry Machines, Communication Devices, Others
Product Lineup
Product No
MOSFET
VDSS MIN(V)
RDS(ON) MAX
( )
STR-L451
650
3.95
STR-L472
900
7.7


Số phần tương tự - STR-L472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-L472 SANKEN-STR-L472 Datasheet
72Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply
More results

Mô tả tương tự - STR-L472

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-L6400 SANKEN-STR-L6400 Datasheet
85Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency, Low Noise
STR-Y6400 SANKEN-STR-Y6400 Datasheet
239Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6700 SANKEN-STR-W6700 Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-X6700 SANKEN-STR-X6700 Datasheet
101Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-L6472 SANKEN-STR-L6472 Datasheet
85Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply
STR-L451 SANKEN-STR-L451 Datasheet
72Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply
STR-Y6700 SANKEN-STR-Y6700 Datasheet
189Kb / 2P
   Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
STR-W6200D SANKEN-STR-W6200D Datasheet
85Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6000 SANKEN-STR-A6000 Datasheet
119Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
STR-A6000 SANKEN-STR-A6000_11 Datasheet
132Kb / 2P
   Power IC for PWM Type Switching Power Supply with Low Noise and Low Standby Power
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com