công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPS2530CG bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STPS2530CG
Giải thích chi tiết về linh kiện  LOW DROP POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2530CG bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STPS2530CG Datasheet HTML 1Page - STMicroelectronics STPS2530CG Datasheet HTML 2Page - STMicroelectronics STPS2530CG Datasheet HTML 3Page - STMicroelectronics STPS2530CG Datasheet HTML 4Page - STMicroelectronics STPS2530CG Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
1/5
Table 1: Main Product Characteristics
IF(AV)
2 x 12.5 A
VRRM
30 V
Tj
150°C
VF(max)
0.45 V
STPS2530C
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 1
Table 3: Absolute Ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS) RMS forward voltage
30
A
IF(AV)
Average forward current
Tc = 140°C
δ = 0.5
Per diode
Per device
12.5
25
A
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
180
A
IRRM
Peak repetitive reverse current
tp = 2 µs square F=1kHz
1
A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
2
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25°C
3000
W
Tstg
Storage temperature range
-65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage (rated VR, Tj = 25°C)
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
dPtot
dTj
---------------
1
Rth j
a
()
--------------------------
>
A1
A2
K
D2PAK
April 2005
FEATURES AND BENEFITS
Very small conduction losses
Negligible switching losses
Extremely fast switching
Low forward voltage drop for higher efficiency
Low thermal resistance
DESCRIPTION
Dual Schottky rectifier suited for switch Mode
Power Supply and high frequency DC to DC con-
verters.
Packaged in D2PAK, this device is intended for
use in low voltage high frequency inverters, free
wheeling and polarity protection applications.
Table 2: Order Codes
Part Numbers
Marking
STPS2530CG
STPS2530CG
STPS2530CG-TR
STPS2530CG
Obsolete
Product(s)
- Obsolete
Product(s)


Số phần tương tự - STPS2530CG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STPS2545C STMICROELECTRONICS-STPS2545C Datasheet
136Kb / 10P
   Power Schottky rectifier
STPS2545C-Y STMICROELECTRONICS-STPS2545C-Y Datasheet
176Kb / 7P
   Automotive power Schottky rectifier
STPS2545CFP STMICROELECTRONICS-STPS2545CFP Datasheet
102Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS2545CFP STMICROELECTRONICS-STPS2545CFP Datasheet
136Kb / 10P
   Power Schottky rectifier
STPS2545CG STMICROELECTRONICS-STPS2545CG Datasheet
102Kb / 6P
   POWER SCHOTTKY RECTIFIER
More results

Mô tả tương tự - STPS2530CG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com