công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA5612 bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện LA5612
Giải thích chi tiết về linh kiện  Multifunctional Voltage Regulator for TVs and VCRs with BS Tuner
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA5612 bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  LA5612 Datasheet HTML 1Page - Sanyo Semicon Device LA5612 Datasheet HTML 2Page - Sanyo Semicon Device LA5612 Datasheet HTML 3Page - Sanyo Semicon Device LA5612 Datasheet HTML 4Page - Sanyo Semicon Device LA5612 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Operating Characteristics at Ta=25 °C, See specified Test Circuit.
Parameter
Symbol
Conditions
min
typ
max
Unit
[No-load mode] When VO1, VO2, VO3ison:VEN1=3V,VEN2=3V,VIN1 = 16.5 V, VIN2 = 6.6 V, IO1toIO3=0mA
Quiescent current
IIN1
714
mA
IIN2
816
mA
[Regulator 1] When VO1, VO2, VO3ison:VEN1=3V,VEN2=3V,VIN1 = 16.5 V, VIN2 = 6.6 V, IO1 = 300 mA
Output voltage 1
VO1
13.7
14.5
15.2
V
Dropout voltage
VDROP1
0.5
1.0
V
Line regulation
nVOLN1
16.5 V
% VIN1 % 20.5 V
140
mV
Load regulation
nVOLD1
10mA
% IO1 % 300 mA
150
mV
Output inflow current
IO1 IN
22 V applied to pin VO1, no-load mode
500
µA
Peak output current
IOP1
360
mA
Output short-circuit current
IOSC1
45
180
mA
Ripple rejection
Rrej1
50
dB
Output low-level voltage
VO1 OFF
VEN1=1V, when VO1isoff
0.2
V
Output voltage/temperature
coefficient
nVO1/nTa
±0.5
mV/ °C
[Regulator 2] When VO1, VO2, VO3ison:VEN1=3V,VEN2=3V,VIN1 = 16.5 V, VIN2 = 6.6 V, IO2 = 350 mA
Output voltage 2
VO2
4.80
5.05
5.30
V
Dropout voltage
VDROP2
0.5
1.0
V
Line regulation
nVOLN26 V % VIN2 % 7.2 V
20
mV
Load regulation
nVOLD2
100 mA
% IO2 % 350 mA
100
mV
Peak output current
IOP2
420
mA
Output short-circuit current
IOSC2
65
210
mA
Ripple rejection
Rrej2
50
dB
Output low-level voltage
VO2 OFF
VEN2=1V, when VO2isoff
0.2
V
Output voltage/temperature
coefficient
nVO2/nTa
±0.5
mV/ °C
[Regulator 3] When VO1, VO2, VO3ison:VEN1=3V,VEN2=3V,VIN1 = 16.5 V, VIN2 = 6.6 V, IO3 = 350 mA
Output voltage 3
VO3
4.80
5.05
5.30
V
Dropout voltage
VDROP3
0.5
1.0
V
Line regulation
nVOLN36 V % VIN2 % 7.2 V
20
mV
Load regulation
nVOLD3
100 mA
% IO3 % 350 mA
100
mV
Peak output current
IOP3
420
mA
Output short-circuit current
IOSC3
65
210
mA
Ripple rejection
Rrej3
50
dB
Output low-level voltage
VO3 OFF
VEN2=1V, when VO3isoff
0.2
V
Output voltage/temperature
coefficient
nVO3/nTa
±0.5
mV/ °C
[Output on/off control] VIN1 = 16.5 V, VIN2 = 6.6 V
Output on control voltage
VEN1H
VO1: on, VEN1<22V
3.0
VIN1V
VEN2H
VO2, VO3: on, VEN2<22V
Output off control voltage
VEN1L
VO1: off
1.0
V
VEN2L
VO2, VO3: off
[Amplifier A] When VO1, VO2, VO3ison:VEN1=3V,VEN2=3V,VIN1 = 16.5 V, VIN2 = 6.6 V
Input offset voltage
VIOA
±7mV
Input bias current
IBA
250
nA
Output current (source)
IOA SOURCE VINA
+ =1V,VINA= 0 V
10
mA
Output current (sink)
IOA SINK
VINA
+ =0V,VINA= 1 V
10
mA
[Amplifier B] When VO1, VO2, VO3ison:VEN1=3V,VEN2=3V,VIN1 = 16.5 V, VIN2 = 6.6 V
Output current (source)
IOB SOURCE
10
mA
LA5612
No.5197 - 2/5


Số phần tương tự - LA5612

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
LA5613 SANYO-LA5613 Datasheet
59Kb / 4P
   VCR Regulator and Control Amplifier
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
   Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
LA5616 SANYO-LA5616 Datasheet
92Kb / 5P
   Microprocessor-Controlled Audio Power Supply
LA5617 SANYO-LA5617 Datasheet
43Kb / 4P
   Multi-System Power Supply for Audio Equipment
More results

Mô tả tương tự - LA5612

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA5611 SANYO-LA5611 Datasheet
60Kb / 5P
   Multifunctional Voltage Regulator for TVs and VCRs
logo
Infineon Technologies A...
TLE6711 INFINEON-TLE6711 Datasheet
265Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 2.22 2001-04-23
TLE6363 INFINEON-TLE6363 Datasheet
278Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
V 1.1 2000-11-8
TLE6363 INFINEON-TLE6363_03 Datasheet
770Kb / 28P
   Multifunctional Voltage Regulator and Watchdog
Rev. 1.2 2003-06-02
TLE6711 INFINEON-TLE6711_07 Datasheet
983Kb / 25P
   Multifunctional Voltage Regulator and Watchdog
Rev. 3.4, August 2007
logo
Sanyo Semicon Device
LA5606N SANYO-LA5606N Datasheet
134Kb / 6P
   BS/CS Tuner Regulator with On/Off Function
LA5607 SANYO-LA5607 Datasheet
133Kb / 6P
   BS/CS Tuner Regulator with Reset,On/Off Function
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
logo
Toshiba Semiconductor
TA4301F TOSHIBA-TA4301F Datasheet
221Kb / 8P
   DOWN CONVERTER FOR BS TUNER IC
logo
Renesas Technology Corp
HVC316 RENESAS-HVC316 Datasheet
154Kb / 5P
   Variable Capacitance Diode for BS/CS tuner
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com