công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STPS20L25CT bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STPS20L25CT
Giải thích chi tiết về linh kiện  LOW DROP POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L25CT bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STPS20L25CT_03 Datasheet HTML 1Page - STMicroelectronics STPS20L25CT_03 Datasheet HTML 2Page - STMicroelectronics STPS20L25CT_03 Datasheet HTML 3Page - STMicroelectronics STPS20L25CT_03 Datasheet HTML 4Page - STMicroelectronics STPS20L25CT_03 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STPS20L25CT/CG
5/5
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
PACKAGE MECHANICAL DATA
TO-220AB
A
C
D
L7
Dia
L5
L6
L9
L4
F
H2
G
G1
L2
F2
F1
E
M
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.066
F2
1.14
1.70
0.044
0.066
G
4.95
5.15
0.194
0.202
G1
2.40
2.70
0.094
0.106
H2
10
10.40
0.393
0.409
L2
16.4 typ.
0.645 typ.
L4
13
14
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.20
6.60
0.244
0.259
L9
3.50
3.93
0.137
0.154
M
2.6 typ.
0.102 typ.
Diam.
3.75
3.85
0.147
0.151
n
COOLING METHOD : C
n
RECOMMENDED TORQUE VALUE : 0.55 M.N
n
MAXIMUM TORQUE VALUE : 0.70 M.N
Ordering type
Marking
Package
Weight
Base qty
Delivery
mode
STPS20L25CT
STPS20L25CT
TO-220AB
2.23g
50
Tube
STPS20L25CG
STPS20L25CG
D
2PAK
1.48g
50
Tube
STPS20L25CG-TR
STPS20L25CG
D
2PAK
1.48g
1000
Tape & reel
n
EPOXY MEETS UL94,V0


Số phần tương tự - STPS20L25CT_03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STPS20L25CT STMICROELECTRONICS-STPS20L25CT Datasheet
94Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Mô tả tương tự - STPS20L25CT_03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS80L30CY STMICROELECTRONICS-STPS80L30CY Datasheet
24Kb / 3P
   LOW DROP POWER SCHOTTKY RECTIFIER
1N5817 STMICROELECTRONICS-1N5817 Datasheet
107Kb / 7P
   Low drop power Schottky rectifier
STPS5L25B-TR STMICROELECTRONICS-STPS5L25B-TR Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
   Low drop power Schottky rectifier
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
   Low drop power Schottky rectifier
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com