công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMHF2812D bảng dữ liệu(PDF) 6 Page - Interpoint Corporation Company

tên linh kiện SMHF2812D
Giải thích chi tiết về linh kiện  Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2812D bảng dữ liệu(HTML) 6 Page - Interpoint Corporation Company

Back Button SMHF2812D Datasheet HTML 2Page - Interpoint Corporation Company SMHF2812D Datasheet HTML 3Page - Interpoint Corporation Company SMHF2812D Datasheet HTML 4Page - Interpoint Corporation Company SMHF2812D Datasheet HTML 5Page - Interpoint Corporation Company SMHF2812D Datasheet HTML 6Page - Interpoint Corporation Company SMHF2812D Datasheet HTML 7Page - Interpoint Corporation Company SMHF2812D Datasheet HTML 8Page - Interpoint Corporation Company SMHF2812D Datasheet HTML 9Page - Interpoint Corporation Company SMHF2812D Datasheet HTML 10Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
notes
1. Guaranteed by design, not tested.
2.Indefiniteshortcircuitprotectionnotguaranteedabove125°C(case)
3.Recoverytimeismeasuredfromapplicationofthetransient
tothepointatwhichVoutiswithinregulation.
4.Steptransitiontime>10µs.
ElectricalCharacteristics:25°CTc,28VDCVin,100%load,radiationlevelO,unlessotherwisespecified.
SIngLEOUTPUTMODELS
SMHF282R5S SMHF283R3S
SMHF2805S
unitS
paraMeter
cOnDitiOnS
MIn TYP MAX MIn TYP MAX MIn TYP MAX
Output VOltage
tc = 25°c
2.475 2.5 2.525 3.27 3.30 3.33 4.95 5.00 5.05
VDc
Output current
Vin = 16 tO 40 VDc
2.4 —
2.4 —
2.4
a
Output pOwer
Vin = 16 tO 40 VDc
0
6 0
8 0
12
w
Output ripple
10 kHz - 2 MHz
15
50
25
50
60
160
80
240
30
80
— 150 240
mVp-p
tc = -55°c tO +125°c
line regulatiOn
Vin = 16 tO 40 VDc
5
50 —
5
100 —
5
100
mV
lOaD regulatiOn
nO lOaD tO Full
28
50 —
20
50 —
20
50
mV
input VOltage
nO lOaD tO Full
cOntinuOuS
16
28
40
0
50
16
28
40
0
50
16
28
40
0
50
VDc
V
TRAnSIEnT120ms1
input current
nO lOaD
20
40
6
12
25
65
5
12
25
40
5
12
mA
inHiBiteD
input ripple
current
10 kHz - 10 MHz
tc = -55°c tO +125°c
30
50
50
45
80
120
35
80
120
mAp-p
eFFiciencY
tc = 25°c
65
67
— 68
73
— 73
75
%
lOaD Fault2
SHOrt circuit
pOwer DiSSipatiOn —
3
6
7.5
30
5
8
7.5
30
3.5
8
7.5
30
w
ms
recOVerY1, 3
Step lOaD
reSpOnSe
50% - 100% - 50%
tranSient4
-200 50 200
50
270
-400 150 400
— 150 300
-500 150 500
— 150 300
mVpk
µs
recOVerY3
Step line
reSpOnSe1
16 - 40 -16 VDc
tranSient4
-800 550 800
0.8
1.2
-800 550 800
0.8
1.2
-800 550 800
0.8
1.2
mVpk
ms
recOVerY3
Start-up
0 tO 28 VDc
DelaY
10
20
250
10
25
— 200 300
10
25
— 100 600
ms
mVpk
OVerSHOOt1, 4
capacitiVe lOaD
tc = 25°c
— —
300 —
300
µF
Crane Aerospace & Electronics Power Solutions
smHF single and dual dc/dc converters
Page6of15
RevD-20070404
28 Volt input – 15 Watt
www.craneae.com


Số phần tương tự - SMHF2812D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
SMHF2812D INTERPOINT-SMHF2812D Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2812D/HO INTERPOINT-SMHF2812D/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2812D/KR INTERPOINT-SMHF2812D/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF2812DE/HO INTERPOINT-SMHF2812DE/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2812DE/HR INTERPOINT-SMHF2812DE/HR Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Mô tả tương tự - SMHF2812D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
MMD Components
IM830B MMD-IM830B Datasheet
734Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com