công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMHF2815S bảng dữ liệu(PDF) 8 Page - Interpoint Corporation Company

tên linh kiện SMHF2815S
Giải thích chi tiết về linh kiện  Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2815S bảng dữ liệu(HTML) 8 Page - Interpoint Corporation Company

Back Button SMHF2815S Datasheet HTML 4Page - Interpoint Corporation Company SMHF2815S Datasheet HTML 5Page - Interpoint Corporation Company SMHF2815S Datasheet HTML 6Page - Interpoint Corporation Company SMHF2815S Datasheet HTML 7Page - Interpoint Corporation Company SMHF2815S Datasheet HTML 8Page - Interpoint Corporation Company SMHF2815S Datasheet HTML 9Page - Interpoint Corporation Company SMHF2815S Datasheet HTML 10Page - Interpoint Corporation Company SMHF2815S Datasheet HTML 11Page - Interpoint Corporation Company SMHF2815S Datasheet HTML 12Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
notes
1. Guaranteed by design, not tested.
2.Upto70%ofthetotaloutputpowerisavailablefromeitheroutputprovidingthe
oppositeoutputissimultaneouslycarrying30%ofthetotaloutputpower.Each
outputmustcarryaminimumof30%ofthetotaloutput
powerinordertomaintainregulationonthenegativeoutput.
3.Effecton–Voutforthefollowingconditions,percentagesareoftotalpower:
+Po=50%to10%and–Po=50%,+Po=50%and–Po=50%to10%
andfrom+Po=70%/–Po=30%to+Po=30%/–Po=70%
allconditionsarereferencedtothebalancedloadscondition:50%/50%
4.Indefiniteshortcircuitprotectionnotguaranteedabove125°C(case)
5.Recoverytimeismeasuredfromapplicationofthetransienttopointat
whichVoutiswithinregulation.
6.Responseofeitheroutputwiththeoppositeoutputheldathalfofthetotaloutput
power.
7.Steptransitiontime>10µs.
ElectricalCharacteristics:25°CTc,28VDCVin,100%load,radiationlevelO,unlessotherwisespecified.
DUALOUTPUTMODELS
SMHF2805D
SMHF2812D
SMHF2815D
unitS
paraMeter
cOnDitiOnS
MIn TYP MAX MIn TYP MAX MIn TYP MAX
Output VOltage
+ VOut
4.95 5.00 5.05
4.92 5.00 5.08
11.8812.0012.12
11.8212.0012.18
14.8515.0015.15
14.7815.0015.23
VDc
- VOut
Output current2
Vin = 16 tO 40 VDc
— ±1.2 1.68 — ±0.625 0.875 — ±0.5 0.7
a
Output pOwer2
Vin = 16 tO 40 VDc
12 —
15 —
15
w
Output ripple
± VOut
10 kHz - 2 MHz
60
160
— 100 240
70
175
— 100 275
70
175
— 100 275
mVp-p
tc = -55°c tO +125°c
line regulatiOn
Vin = 16 tO 40 VDc
BalanceD lOaD
+ VOut
5
50
100
5
50
100
5
50
100
mV
- VOut
lOaD regulatiOn
nOLOADTOFULL
BalanceD lOaD
+ VOut
20
50
150
20
50
150
20
50
150
mV
- VOut
crOSS regulatiOn3
eFFect On - VOut
6
7.5 —
3
6 —
3
6
%
input VOltage
nO lOaD tO Full
cOntinuOuS
16
28
40
50
16
28
40
50
16
28
40
50
VDc
V
TRAnSIEnT50ms1
input current
nO lOaD
20
50
6
12
25
50
5
12
25
50
5
12
mA
inHiBiteD
input ripple
current
10 kHz - 10 MHz
30
80
60
120
40
80
55
120
40
80
55
120
mAp-p
tc = -55°c tO +125°c
eFFiciencY
75
77
— 76
81
— 76
82
%
lOaD Fault4
SHOrt circuit
pOwer DiSSipatiOn
3
6
7.5
30
3
6
7.5
50
3
6
7.5
50
w
ms
recOVerY1, 5
Step lOaD
reSpOnSe6
BalanceD lOaDS
50% - 100% - 50%
tranSient7
+ VOut -600 200 600
-600 150 600
— 150 500
-600 300 600
-600 100 600
— 200 500
-600 300 600
-600 100 600
— 200 600
mVpk
mVpk
µs
- VOut
recOVerY5
Step line
reSpOnSe1
± VOut
16 - 40 -16 VDc tranSient7
-800 600 800
0.8
1.2
-750 550 750
0.8
1.2
-750 550 750
0.8
1.2
mVpk
ms
recOVerY5
Start-up
0 tO 40 V
DelaY
12
30
0
100
500
12
25
0
200
500
12
25
0
200
500
ms
mVpk
OVerSHOOt1, 7
capacitiVe lOaD
tc = 25°c
47 —
10 —
10
µF
Crane Aerospace & Electronics Power Solutions
smHF single and dual dc/dc converters
Page8of15
RevD-20070404
28 Volt input – 15 Watt
www.craneae.com


Số phần tương tự - SMHF2815S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
SMHF2815S INTERPOINT-SMHF2815S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2815S/HO INTERPOINT-SMHF2815S/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2815S/KR INTERPOINT-SMHF2815S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF2815SE/HO INTERPOINT-SMHF2815SE/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2815SE/HR INTERPOINT-SMHF2815SE/HR Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Mô tả tương tự - SMHF2815S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
MMD Components
IM830B MMD-IM830B Datasheet
734Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com