công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMHF2805S bảng dữ liệu(PDF) 1 Page - Interpoint Corporation Company

tên linh kiện SMHF2805S
Giải thích chi tiết về linh kiện  Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF2805S bảng dữ liệu(HTML) 1 Page - Interpoint Corporation Company

  SMHF2805S Datasheet HTML 1Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 2Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 3Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 4Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 5Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 6Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 7Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 8Page - Interpoint Corporation Company SMHF2805S Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
• FullyqualifiedtoClassHorK
• -55°Cto+125°Coperation
• 16to40VDCinput
• FullyIsolated
• Radhardoptocouplerfeedback
• Fixedfrequency,550kHztypical
• Topology–SingleEndedForward
• Transientprotection50V/120ms
• Inhibitfunction
• Syncfunction
• Indefiniteshortcircuitprotection
• Undervoltagelockout
• Upto82%efficiency
description
TheSMHFSeries™of28VDC/DCconvertersoffersawide
inputvoltagerangeof16to40voltsandupto15wattsof
outputpower.Theunitsarecapableofwithstandingshortterm
transientsupto50volts.Thepackageisahermeticallysealed,
projection-weldedmetalcase.Flangedandnon-flangedmodels
areavailable.
Screening
SMHFconvertersofferscreeningoptionstoSpacePrototype(O),
ClassH,orClassK.RadiationtoleranttoRadiationHardness
Assurance(RHA)levelsof“-”(O)or“R”,perMIL-PRF-38534.
Interpointmodelnumbersusean“O”intheRHAdesignatorposi-
tiontoindicatethe“-”(dash)RadiationHardnessAssurancelevel
ofMIL-PRF-38534,whichisdefinedas“noRHA”.See“ClassH
andK,MIL-PRF-38534Screening”tablesformoreinformation.
converter DeSign
TheSMHFconvertersareswitchingregulatorsthatuseaquasi-
squarewave,single-endedforwardconverterdesignwitha
constantswitchingfrequencyof550kHz.Isolationbetweeninput
andoutputcircuitsisprovidedwithatransformerintheforward
pathandatemperaturecompensatedopto-couplerinthefeed-
backcontrolloop.Theopto-couplerisradiationhardenedandis
especiallyselectedforspaceapplications.
FortheSMHFdualoutputmodels,crossregulationismaintained
bytightlycoupledoutputmagnetics.Upto70%ofthetotaloutput
powerisavailablefromeitheroutput,providingtheopposite
outputissimultaneouslycarrying30%ofthetotaloutputpower.
Predictablecurrentlimitisaccomplishedbydirectlymonitoring
theoutputloadcurrentandprovidingaconstantcurrentoutput
abovetheoverloadpoint.
HigHer Power DenSity
TheSMHFSeriesoffersanewstandardofperformanceforsmall
sizeandhighpowerdensity.Atjust0.33inchhighandatotal
footprintof1.7in2,thislowprofilepackageoffersatotalpower
densityofupto30wattspercubicinch.
Low noiSe, HigH AuDio rejection
TheSMHFconverter’sfeed-forwardcompensationsystem
providesexcellentdynamicresponseandnoiserejection.Audio
rejectionistypically50dB.Typicaloutputvoltageresponsefor
a50%to100%steploadtransientisaslowas1.3%witha150
µSrecoverytime.Inputripplecurrentistypically35mAp-pwith
outputripplevoltagetypically50mVp-p.
inHibit Function
SMHFconvertersprovideaninhibitterminalthatcanbeused
todisableinternalswitching,resultinginnooutputandverylow
quiescentinputcurrent.Theconverterisinhibitedwhenalogic
low(≤0.8–outputdisabled)isappliedtotheinhibitpin.The
unitisenabledwhenthepin,whichisinternallyconnectedtoa
pull-upresistor,isleftunconnectedorisconnectedtoanopen-
collectorgate.Theopencircuitoutputvoltageassociatedwiththe
inhibitpinis8.5to12VDC.Intheinhibitmode,amaximumof
4mAmustbesunkfromtheinhibitpinat28VDCinput.
models
vDc
SIngLE
2.5
3.3
5
12
15
DUAL
±5
±12
±15
ClearedbyU.S.DoDOSRforPublicRelease
OSRcasenumber09S-0995,datedMarch13,2009.
Crane Aerospace & Electronics Power Solutions
smHF single and dual dc/dc converters
CraneAerospace&Electronics
Electronicsgroup(InterpointBrand)
POBox97005•RedmondWA98073-9705
425.882.3100•electronics@craneae.com
www.craneae.com
Page1of15
RevD-20070404
28 Volt input – 15 Watt


Số phần tương tự - SMHF2805S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
SMHF2805S INTERPOINT-SMHF2805S Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805S/HO INTERPOINT-SMHF2805S/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805S/KR INTERPOINT-SMHF2805S/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF2805SE/HO INTERPOINT-SMHF2805SE/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805SE/HR INTERPOINT-SMHF2805SE/HR Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Mô tả tương tự - SMHF2805S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
MMD Components
IM830B MMD-IM830B Datasheet
734Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com