công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMHF282R5S bảng dữ liệu(PDF) 11 Page - Interpoint Corporation Company

tên linh kiện SMHF282R5S
Giải thích chi tiết về linh kiện  Fully qualified to Class H or K -55째C to 125째C operation 16 to 40 VDC input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERPOINT [Interpoint Corporation Company]
Trang chủ  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

SMHF282R5S bảng dữ liệu(HTML) 11 Page - Interpoint Corporation Company

Back Button SMHF282R5S Datasheet HTML 7Page - Interpoint Corporation Company SMHF282R5S Datasheet HTML 8Page - Interpoint Corporation Company SMHF282R5S Datasheet HTML 9Page - Interpoint Corporation Company SMHF282R5S Datasheet HTML 10Page - Interpoint Corporation Company SMHF282R5S Datasheet HTML 11Page - Interpoint Corporation Company SMHF282R5S Datasheet HTML 12Page - Interpoint Corporation Company SMHF282R5S Datasheet HTML 13Page - Interpoint Corporation Company SMHF282R5S Datasheet HTML 14Page - Interpoint Corporation Company SMHF282R5S Datasheet HTML 15Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
0.000
0.160 (4.06)
0.960 (24.38)
1
2
3
4
5
0.030 dia.
(0.76)
8
7
6
BOTTOM VIEW CASE E1
Projection Weld
Squared corner and dot on top
of case indicate pin one.
Case dimensions in inches (mm)
Tolerance ±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
CAUTION
Heat from reflow or wave soldering may damage the device.
Solder pins individually with heat application not exceeding 300°C for 10 seconds per pin.
Materials
Header
Cold Rolled Steel/Nickel/Gold
Cover
Kovar/Nickel
Pins
#52 alloy/Gold compression glass seal
Case E1, Rev C, 20061221
Please refer to the numerical dimensions for accuracy. All information is believed to be accurate,
but no responsibility is assumed for errors or omissions. Interpoint reserves the right to make
changes in products or specifications without notice.
Copyright © 1999-2006 Interpoint Corp. All rights reserved.
1.130 max. (28.70)
Figure 21: caSe e1
Crane Aerospace & Electronics Power Solutions
Page11of15
RevD-20070404
smHF single and dual dc/dc converter cases
28 Volt input – 15 Watt
www.craneae.com


Số phần tương tự - SMHF282R5S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
SMHF2805D INTERPOINT-SMHF2805D Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805D/HO INTERPOINT-SMHF2805D/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805D/KR INTERPOINT-SMHF2805D/KR Datasheet
511Kb / 15P
   SMHF Single and Dual DC-DC Converters
SMHF2805DE/HO INTERPOINT-SMHF2805DE/HO Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
SMHF2805DE/HR INTERPOINT-SMHF2805DE/HR Datasheet
213Kb / 12P
   DC/DC CONVERTERS 28 VOLT INPUT
More results

Mô tả tương tự - SMHF282R5S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Interpoint Corporation ...
SMFL283R3S INTERPOINT-SMFL283R3S_10 Datasheet
787Kb / 15P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
SFMC28-461 INTERPOINT-SFMC28-461 Datasheet
833Kb / 11P
   Operating temperature -55째 to 125째C Qualified to MIL-PRF-38534 Class H and K
logo
Microsemi Corporation
JANTX1N6761UR-1 MICROSEMI-JANTX1N6761UR-1 Datasheet
45Kb / 2P
   Operating Temperature: -55째C to 125째C, Storage Temperature: -55째C to 150째C
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_10 Datasheet
645Kb / 13P
   Parallel operation with current share, 16 to 40 VDC input
logo
Dielectric Laboratories...
B148QF0S DILABS-B148QF0S Datasheet
370Kb / 3P
   Frequency Stable over Temperature -55째C to 125째C
logo
Interpoint Corporation ...
MHV283R3S INTERPOINT-MHV283R3S_10 Datasheet
1Mb / 19P
   Operating temperature -55째 to 125째C Input voltage range 16 to 50 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
   CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
MMD Components
IM830B MMD-IM830B Datasheet
734Kb / 9P
   MEMS Oscillator, -55째C to 125째C, LVCMOS/HCMOS Compatible, 1.000 MHz to 110.000MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com