công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST2S06A33 bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện ST2S06A33
Giải thích chi tiết về linh kiện  Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S06A33 bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button ST2S06A33_09 Datasheet HTML 4Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 5Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 6Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 7Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 8Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 9Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 10Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 11Page - STMicroelectronics ST2S06A33_09 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical performance characteristics
ST2S06A33, ST2S06B
8/18
Doc ID 13866 Rev 4
5
Typical performance characteristics
Figure 3.
Feedback voltage 1 vs. temperature
(ST2S06B)
Figure 4.
Feedback voltage 2 vs. temperature
(ST2S06B)
Figure 5.
Efficiency vs. output current 1
Figure 6.
Efficiency vs. output current 2
Figure 7.
Switching frequency vs.
temperature (ST2S06A)
Figure 8.
Duty cycle vs. temperature
(ST2S06A)
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
I=5V, VFB1 connected to VO1
I
O1=IO2=NO LOAD
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
I=5V, VFB1 connected to VO1
I
O1=IO2=NO LOAD
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
I=5V, VFB2 connected to VO2
I
O1=IO2 =NO LOAD
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
0.78
0.79
0.8
0.81
0.82
-50
-25
0
25
50
75
100
125
TEMPERATURE [°C]
V
I=5V, VFB2 connected to VO2
I
O1=IO2 =NO LOAD
V
I=5V, VO1=3.3V, IO2 NO LOAD
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current 1 [A]
V
I=5V, VO1=3.3V, IO2 NO LOAD
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current 1 [A]
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current 2 [A]
V
I=5V, VO2=1.2V, IO1 NO LOAD
40
45
50
55
60
65
70
75
80
85
90
95
100
0
0.1
0.2
0.3
0.4
0.5
0.6
Output Current 2 [A]
V
I=5V, VO2=1.2V, IO1 NO LOAD
V
I=5V, VFB1=3.2V, VFB2=0.7V
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
Temperature [°C]
V
I=5V, VFB1=3.2V, VFB2=0.7V
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
Temperature [°C]
V
I=5V, VFB1=3.2V, VFB2=0.7V
90
91
92
93
94
95
96
97
98
99
100
-50
-25
0
25
50
75
100
125
Temperature [°C]
V
I=5V, VFB1=3.2V, VFB2=0.7V
90
91
92
93
94
95
96
97
98
99
100
-50
-25
0
25
50
75
100
125
Temperature [°C]


Số phần tương tự - ST2S06A33_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST2S06A33PQR STMICROELECTRONICS-ST2S06A33PQR Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
More results

Mô tả tương tự - ST2S06A33_09

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST2S06A33 STMICROELECTRONICS-ST2S06A33 Datasheet
333Kb / 21P
   Dual synchronous rectification with reset or inhibit, 0.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S06XX STMICROELECTRONICS-ST1S06XX Datasheet
426Kb / 20P
   Synchronous rectification with inhibit, 1.5 A, 1.5 MHz fixed or adjustable, step-down switching regulator
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
   Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
ST1S06 STMICROELECTRONICS-ST1S06 Datasheet
502Kb / 19P
   Synchronous rectification with inhibit, 1.5A, 1.5 MHz fixed or adjustable, step-down switching regulator in DFN6 3x3
ST1S03A STMICROELECTRONICS-ST1S03A_08 Datasheet
276Kb / 14P
   1.5 A, 1.5 MHz adjustable, with inhibit function step-down switching regulator
ST1S09 STMICROELECTRONICS-ST1S09_10 Datasheet
387Kb / 18P
   2 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S30 STMICROELECTRONICS-ST1S30 Datasheet
193Kb / 11P
   3 A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S03 STMICROELECTRONICS-ST1S03_08 Datasheet
374Kb / 16P
   1.5 A, 1.5 MHz adjustable, step-down switching regulator
ST1S09 STMICROELECTRONICS-ST1S09 Datasheet
416Kb / 18P
   2A, 1.5 MHz PWM step-down switching regulator with synchronous rectification
ST1S03A STMICROELECTRONICS-ST1S03A Datasheet
280Kb / 14P
   1.5A, 1.5 MHz Adjustable, with inhibit function Step-down switching regulator in DFN6 3x3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com