công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM117HVSMD05 bảng dữ liệu(PDF) 3 Page - Seme LAB

tên linh kiện LM117HVSMD05
Giải thích chi tiết về linh kiện  POSITIVE ADJUSTABLE VOLTAGE REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEME-LAB [Seme LAB]
Trang chủ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

LM117HVSMD05 bảng dữ liệu(HTML) 3 Page - Seme LAB

  LM117HVSMD05 Datasheet HTML 1Page - Seme LAB LM117HVSMD05 Datasheet HTML 2Page - Seme LAB LM117HVSMD05 Datasheet HTML 3Page - Seme LAB LM117HVSMD05 Datasheet HTML 4Page - Seme LAB LM117HVSMD05 Datasheet HTML 5Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
POSITIVE ADJUSTABLE
VOLTAGE REGULATOR
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 8372
Issue 1
Page 3 of 5
ELECTRICAL CHARACTERISTICS(1)(3) (TC = 25°C unless otherwise stated)
LM117A, IP117A, LM117AHV, IP117AHV
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
IOUT = 10mA
1.238
1.250
1.262
VREF
Reference Voltage
10mA ≤ IOUT ≤ IMAX, P ≤ PMAX,
3V ≤ (VIN-VOUT) ≤ VMAX
1.225
1.250
1.270
V
0.005
0.010
IN
OUT
V
V
Line Regulation (2)
3V ≤ (VIN-VOUT) ≤ VMAX,
IOUT = 10mA
0.010
0.020
%/V
VOUT ≤ 5V
5
15
mV
VOUT ≥ 5V
0.1
0.3
%
VOUT ≤ 5V
15
50
mV
OUT
I
OUT
V
Load Regulation (2)(3)
10mA ≤ IOUT ≤ IMAX
VOUT ≥ 5V
0.3
1.0
%
Thermal Regulation
VIN = 7.92V, IOUT = 1.5A,
PD = 10W, TA = 25°C, 20ms Pulse
0.002
0.020
%/W
VOUT = 10V
CADJ = 0
65
Ripple Rejection
f = 120Hz
CADJ = 10µF
66
80
dB
IADJ
Adjust Pin Current
50
100
∆IADJ
Adjust Pin Current Change
10mA ≤ IOUT ≤ IMAX,
2.5V ≤ (VIN-VOUT) ≤ VMAX
0.2
5
µA
(VIN - VOUT) = 40V
3.5
5
IMIN
Minimum Load Current
(VIN - VOUT) = 60V (HV Series)
(HV Series)
(HV Series)
(HV Series)
3.5
7
mA
(VIN - VOUT) ≤ 15V
1.5
2.2
(VIN - VOUT) = 40V
0.3
0.5
ICL
Current Limit
(VIN - VOUT) = 60V (HV Series)
(HV Series)
(HV Series)
(HV Series)
0.1
A
TEMP
OUT
V
Temperature Stability
1.0
2
TIME
OUT
V
Long Term Stability
TA = 125°C, 1000Hrs
0.3
1.0
en
RMS Output Noise
(% of VOUT)
TA = 25°C, 10Hz ≤ f ≤ 10KHz
0.001
%
Notes
Notes
Notes
Notes
The ● denotes the specifications which apply over the full operating temperature range.
(1)
Test conditions unless otherwise stated: VIN - VOUT = 5V, IOUT = 0.5A, PMAX = 10W, IMAX = 1.5A
(2)
Regulation is measured at constant junction temperature, using pulse testing at a low duty cycle. Changes in output voltage due to heating
effects are covered under thermal regulation specifications. Load regulation is measured at the junction of the wide and narrow portion of
the output lead.
(3)
VMAX = 40V for LM117, IP117, LM117A, IP117A
VMAX = 60V for LM117HV, IP117HV, LM117AHV, IP117AHV


Số phần tương tự - LM117HVSMD05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seme LAB
LM117HVSMD05 SEME-LAB-LM117HVSMD05 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
LM117HVSMD05 TTELEC-LM117HVSMD05 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results

Mô tả tương tự - LM117HVSMD05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM317T FAIRCHILD-LM317T Datasheet
67Kb / 6P
   Adjustable Voltage Regulator (Positive)
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com