công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GS-BT2416C1H bảng dữ liệu(PDF) 9 Page - STMicroelectronics

tên linh kiện GS-BT2416C1H
Giải thích chi tiết về linh kiện  Bluetooth짰 class 1 module with embedded HCI FW
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C1H bảng dữ liệu(HTML) 9 Page - STMicroelectronics

Back Button GS-BT2416C1H Datasheet HTML 5Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 6Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 7Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 8Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 9Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 10Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 11Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 12Page - STMicroelectronics GS-BT2416C1H Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
GS-BT2416C1.H
Application information
9/19
6.1
Antenna reference
RF output pin must be connected to an antenna which could be:
Antenna directly printed on the pcb (Figure 3.)
Integrated antenna as, for example, antenova® 30-30-A5839-01, Murata
ANCV12G44SAA127, pulse W3008, Yageo CAN4311153002451K. (Figure 4.)
External antenna connected by means a SMA connector (Figure 5.)
Despite of the type of antenna chosen, the connection between the RF out pin and the
antenna must be executed in such a way that the connection trace must be matched to
have characteristic impedance (Z0) of 50
Ω to get the maximum power transfer.
Matching for 50
Ω is depending on the various factors, elements to be taken into
consideration are:
Type of material, i.e. FR4
The electrical characteristics of the material, i.e. the
εr, electric constant at
2.4 GHz
Mechanical dimensions of the PCB and traces, i.e. PCB thickness, trace/
reference ground thickness, trace width, trace thickness.
Just to give an example, using a 1 mm thick FR4 board, with an
εr = 4.3 at
2.4 GHz, with Cu thickness of 41
µm, the resulted width of 50 Ω strip-line is
1.9 mm (Microstrip type calculation).
Figure 6.
Parameters for trace matching
Tools for calculating the characteristic impedance, based on the physical and mechanical
characteristics of the PCB, can be easily found on the web.
Figure 3.
Antenna on PCB
Figure 4.
Antenna examples
Figure 5.
SMA connector for
external antenna
εr (Dielectric constant)
PCB
thickness
Trace width
Reference ground
Trace thickness


Số phần tương tự - GS-BT2416C1H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
GS-BT2416C1.A STMICROELECTRONICS-GS-BT2416C1.A Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
GS-BT2416C1.AT1 STMICROELECTRONICS-GS-BT2416C1.AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
GS-BT2416C1AT1 STMICROELECTRONICS-GS-BT2416C1AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
More results

Mô tả tương tự - GS-BT2416C1H

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
GS-BT2416C2.H STMICROELECTRONICS-GS-BT2416C2.H Datasheet
867Kb / 18P
   Bluetooth class 2 module with embedded HCI FW
GS-BT2416C1.AT1 STMICROELECTRONICS-GS-BT2416C1.AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
logo
Mitsumi Electronics, Co...
WML-C95 MITSUMI-WML-C95 Datasheet
76Kb / 2P
   Bluetooth짰 HCI Module
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
STMicroelectronics
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
   Bluetooth짰 technology class-2 module
August 2012 Rev 4
logo
List of Unclassifed Man...
BR-LE4.0-S2 ETC-BR-LE4.0-S2 Datasheet
274Kb / 7P
   Bluetooth짰 4.0 Low Energy Single Mode Class 1 SoC Module
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
   Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
STMicroelectronics
GS-BT2416C2_0709 STMICROELECTRONICS-GS-BT2416C2_0709 Datasheet
804Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
GS-BT2416C2.AT1 STMICROELECTRONICS-GS-BT2416C2.AT1 Datasheet
851Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com