công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

2N2905ACSM bảng dữ liệu(PDF) 1 Page - Seme LAB

tên linh kiện 2N2905ACSM
Giải thích chi tiết về linh kiện  SILICON PLANAR EPITAXIAL PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SEME-LAB [Seme LAB]
Trang chủ  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N2905ACSM bảng dữ liệu(HTML) 1 Page - Seme LAB

  2N2905ACSM Datasheet HTML 1Page - Seme LAB 2N2905ACSM Datasheet HTML 2Page - Seme LAB 2N2905ACSM Datasheet HTML 3Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR
EPITAXIAL PNP TRANSISTOR
Semelab Limited reserves the right to change test conditions, parameter limits and package dimensions without notice.
Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However
Semelab assumes no responsibility for any errors or omissions discovered in its use. Semelab encourages customers to
verify that datasheets are current before placing orders.
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 5592
Issue 2
Page 1 of 3
2N2905ACSM
Low Power, High Speed Saturated Switching
Hermetic Surface Mounted Package.
Ideally suited for High Speed Switching
and General Purpose Applications
Screening Options Available
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C unless otherwise stated)
VCBO
Collector – Base Voltage
-60V
VCEO
Collector – Emitter Voltage
-60V
VEBO
Emitter – Base Voltage
-5V
IC
Continuous Collector Current
-600mA
PD
Total Power Dissipation at
TA = 25°C
500mW
Derate Above 37.5°C
3.08mW/°C
TJ
Junction Temperature Range
-65 to +200°C
Tstg
Storage Temperature Range
-65 to +200°C
THERMAL PROPERTIES (Each Device)
Symbols
Parameters
Max.
Units
RθJA
Thermal Resistance, Junction To Ambient
325
°C/W


Số phần tương tự - 2N2905ACSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seme LAB
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
Comset Semiconductor
2N2905A COMSET-2N2905A Datasheet
195Kb / 3P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Semicoa Semiconductor
2N2905A SEMICOA-2N2905A Datasheet
31Kb / 1P
   Chip Type 2C2907A Geometry 0600 Polarity PNP
logo
Microsemi Corporation
2N2905A MICROSEMI-2N2905A Datasheet
175Kb / 4P
   PNP SWITCHING SILICON TRANSISTOR
logo
Semicoa Semiconductor
2N2905A SEMICOA-2N2905A Datasheet
46Kb / 2P
   Type 2N2905A Geometry 0600 Polarity PNP
More results

Mô tả tương tự - 2N2905ACSM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com