công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA1836 bảng dữ liệu(PDF) 7 Page - Sanyo Semicon Device

tên linh kiện LA1836
Giải thích chi tiết về linh kiện  Single-Chip Home Stereo Electronic Tuning IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1836 bảng dữ liệu(HTML) 7 Page - Sanyo Semicon Device

Back Button LA1836 Datasheet HTML 3Page - Sanyo Semicon Device LA1836 Datasheet HTML 4Page - Sanyo Semicon Device LA1836 Datasheet HTML 5Page - Sanyo Semicon Device LA1836 Datasheet HTML 6Page - Sanyo Semicon Device LA1836 Datasheet HTML 7Page - Sanyo Semicon Device LA1836 Datasheet HTML 8Page - Sanyo Semicon Device LA1836 Datasheet HTML 9Page - Sanyo Semicon Device LA1836 Datasheet HTML 10Page - Sanyo Semicon Device LA1836 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Continued from preceding page.
No. 4787-7/13
LA1836, 1836M
Pin No.
Function
Voltage
Internal equivalent circuit
Remarks
23
24
25
26
27
28
29
30
MPX VCO
AM/FM demodulator
output
AM low cut
AM AGC
AM RF input
AFC
OSC
Oscillator buffer output,
FM SD sensitivity
adjustment
3.5 V (FM)
0 V (AM)
2.9 V (FM)
3.0 V (AM)
2.9 V (FM)
3.0 V (AM)
0 V (FM)
0.5 V (AM)
VREG
VREG
VREG
1.6 V (FM)
1.3 V (AM)
Recommended ceramic resonator: CSB456F15
(Murata)
Output impedance: 1.5 k
Ω (FM), 10 kΩ (AM)
The separation can be adjusted with the external
capacitor connected between this pin and
ground.
The AF demodulation frequency low area
frequency characteristics can be adjusted with
the external capacitor connected between this
pin and ground. The AM detector output can be
attenuated by connecting a resistor in series with
this capacitor.
Internal load resistance: R = 6.7 k
This pin must be used at the same potential as
pin 4.
The FM-SD bandwidth can be adjusted with the
external resistor connected between this pin and
pin 4.
The oscillator coil is connected between this pin
and pin 4.
The FM SD sensitivity can be adjusted with the
external resistor connected between this pin and
ground.
Output impedance ro = 200 Ω


Số phần tương tự - LA1836

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1831 SANYO-LA1831 Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1831M SANYO-LA1831M Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1832 SANYO-LA1832 Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1832M SANYO-LA1832M Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1833N SANYO-LA1833N Datasheet
101Kb / 10P
   System-on-Chip Tuner IC for Home Stereo Systems
More results

Mô tả tương tự - LA1836

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1837 SANYO-LA1837 Datasheet
255Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1838 SANYO-LA1838 Datasheet
110Kb / 9P
   Single-Chip Home Stereo IC with Electronic Tuning Support
LA1837 SANYO-LA1837_09 Datasheet
216Kb / 9P
   For Home Stereo IC with Electronic Tuning Support Single-Chip IC
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
LA1845NV SANYO-LA1845NV Datasheet
837Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N Datasheet
190Kb / 10P
   Single-Chip Home Stereo IC
LA1845NV SANYO-LA1845NV_06 Datasheet
541Kb / 10P
   Single-Chip Home Stereo IC
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com