công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA1833NM bảng dữ liệu(PDF) 2 Page - Sanyo Semicon Device

tên linh kiện LA1833NM
Giải thích chi tiết về linh kiện  System-on-Chip Tuner IC for Home Stereo Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1833NM bảng dữ liệu(HTML) 2 Page - Sanyo Semicon Device

  LA1833NM Datasheet HTML 1Page - Sanyo Semicon Device LA1833NM Datasheet HTML 2Page - Sanyo Semicon Device LA1833NM Datasheet HTML 3Page - Sanyo Semicon Device LA1833NM Datasheet HTML 4Page - Sanyo Semicon Device LA1833NM Datasheet HTML 5Page - Sanyo Semicon Device LA1833NM Datasheet HTML 6Page - Sanyo Semicon Device LA1833NM Datasheet HTML 7Page - Sanyo Semicon Device LA1833NM Datasheet HTML 8Page - Sanyo Semicon Device LA1833NM Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
No. 6568-2/10
LA1833N, 1833NM
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
9V
(LA1833N)
400
mW
Allowable power dissipation
Pd max
(LA1833NM) (Ta
≤ 45°C)
400
mW
(LA1833NM) (Ta = 70°C)
270
mW
Operating temperature
Topr
–20 to +70
°C
Storage temperature
Tstg
–40 to +125
°C
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Recommended supply voltage
VCC
5V
Operating supply voltage range
VCC op
4 to 8
V
Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[FM Mono Characteristics: fc = 10.7 MHz, fm = 1 kHz]
Current drain
ICCO-FM
No input
18
28
38
mA
Demodulator output
VO-FM
100 dBµ, 100% mod. The pin 13 output
210
330
420
mVrms
Channel balance
C.B-mono
100 dBµ, 100% mod.
–1.5
0
1.5
dB
The ratio (pin 13 output)/(pin 14 output)
Total harmonic distortion (mono)
THD-FM
100 dBµ, 100% mod. The pin 13 output
0.5
1.5
%
Signal-to-noise ratio
S/N-FM
100 dBµ, 100% mod. The pin 13 output
70
78
dB
AM rejection ratio
AMR
100 dBµ, AM = 30% mod. fm = 1 kHz
45
63
dB
Input limiting voltage
–3dBL. S
100 dBµ, 100% mod. The pin 13 output
34
42
dBµ
Referenced to the output, when the input is down by –3 dB
SD LED on sensitivity
SD-On-FM
32
42
52
dBµ
IF counter buffer output
VIFBuff-FM 100 dBµ, the pin 10 output
200
275
400
mVrms
Muting attenuation
Mute Att
100 dBµ, 100% mod. fm = 1 kHz
76
dB
[Stereo Characteristics: fc = 10.7 MHz, 100 dBµ, fm = 1 kHz, L + R = 90%, pilot = 10%]
Separation
Sep
Left channel modulated,
28
42
dB
the ratio (pin 13 output)/(pin 14 output)
Stereo on level
ST-on
The pilot modulation level such that V7 becomes
1.5
3.5
5.5
%
less than 0.7 V
Total harmonic distortion (main)
THD-main L + R modulation, the pin 13 output
0.7
1.5
%
Adjacent channel interference
Brej-3rd
fs = 113 kHz, Vs = 90%, Pilot = 10%; the pin 13 output
36
dB
rejection ratio
with respect to an L – R modulated 1 kHz demodulator output
Adjacent channel interference
Brej-5th
fs = 189 kHz, Vs = 90%, Pilot = 10%; the pin 13 output
41
dB
rejection ratio
with respect to an L – R modulated 1 kHz demodulator output
Carrier leakage
CL
L + R = 90%, De-emph asis 50 µs, Pilot = 10%
38
44
dB
[AM Characteristics: fc = 1000 kHz, fm = 1 kHz]
Current drain
ICCO-AM
No input
11
22
33
mA
Detector output
VO-AM (1) 23 dBµ, 30% modulation. The pin 13 output
40
80
160
mVrms
Detector output
VO-AM (2) 80 dBµ, 30% modulation. The pin 13 output
90
160
230
mVrms
Signal-to-noise ratio
S/N-AM (1) 23 dBµ, 30% modulation. The pin 13 output
16
21
dB
S/N-AM (2) 80 dBµ, 30% modulation. The pin 13 output
48
54
dB
Total harmonic distortion
THD-AM (1) 80 dBµ, 30% modulation. The pin 13 output
0.4
1.1
%
THD-AM (2) 100 dBµ, 30% modulation. The pin 13 output
0.5
1.3
%
SD LED on sensitivity
SD-On-AM
14
24
34
dBµ
Local oscillator buffer output
VOSC-AM No input, the pin 24 output
140
200
mVrms
IF counter buffer output
VIFBuff-AM 80 dBµ, no modulation, the pin 10 output
140
285
400
mVrms
Electrical Characteristics at VCC = 5 V, in the specified test circuit


Số phần tương tự - LA1833NM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1831 SANYO-LA1831 Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1831M SANYO-LA1831M Datasheet
304Kb / 14P
   Support for AM Stereo and Electronic Tuning Single Chip Music Center IC (AM/FM IF MPX) for Use in Compact Radio/Casette Products
LA1832 SANYO-LA1832 Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1832M SANYO-LA1832M Datasheet
339Kb / 15P
   Support for AM Stereo and Electronic Tuning Radio Cassette Recorder/Music Center-Use Single-Chip IC (AM/FM IF MPX)
LA1835 SANYO-LA1835 Datasheet
338Kb / 14P
   Home Stereo Single-Chip Tuner IC with Electronic Tuning Support
More results

Mô tả tương tự - LA1833NM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LV23411V SANYO-LV23411V Datasheet
169Kb / 23P
   For Home Stereo Systems FM/AM Tuner IC
LA1837M SANYO-LA1837M_06 Datasheet
686Kb / 9P
   Single-Chip AM/FM Tuner IC for Home Stereo Systems
LV23401V SANYO-LV23401V Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA1844M SANYO-LA1844M Datasheet
618Kb / 11P
   For Home Stereo Single-chip Tuner IC
LV23401V SANYO-LV23401V_11 Datasheet
601Kb / 24P
   For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA1845N SANYO-LA1845N_09 Datasheet
125Kb / 9P
   For Home Stereo IC Single-Chip Tuner IC
LV23200T SANYO-LV23200T Datasheet
322Kb / 17P
   Bi-CMOS IC For Home Stereo System 1-chip Tuner IC Incorporating PLL
LA1844MC SANYO-LA1844MC Datasheet
852Kb / 11P
   Monolithic Linear IC For Home Stereo Single-chip Tuner IC
logo
Panasonic Semiconductor
AN18208A PANASONIC-AN18208A Datasheet
731Kb / 37P
   Tuner IC for home-audio stereo set
AN18207A PANASONIC-AN18207A Datasheet
730Kb / 38P
   Tuner IC for home-audio stereo set
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com