công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA1267 bảng dữ liệu(PDF) 4 Page - Sanyo Semicon Device

tên linh kiện LA1267
Giải thích chi tiết về linh kiện  FM/AM Tuner of Electronic Tuning Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1267 bảng dữ liệu(HTML) 4 Page - Sanyo Semicon Device

  LA1267 Datasheet HTML 1Page - Sanyo Semicon Device LA1267 Datasheet HTML 2Page - Sanyo Semicon Device LA1267 Datasheet HTML 3Page - Sanyo Semicon Device LA1267 Datasheet HTML 4Page - Sanyo Semicon Device LA1267 Datasheet HTML 5Page - Sanyo Semicon Device LA1267 Datasheet HTML 6Page - Sanyo Semicon Device LA1267 Datasheet HTML 7Page - Sanyo Semicon Device LA1267 Datasheet HTML 8Page - Sanyo Semicon Device LA1267 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LA1267
No.2012-4/14
3. Local OSC buffer output
• When local OSC buffer output wave form is saw-toothed at the SW mode, connect a resistance of 1.2k
Ω or
thereabouts across pin 24 and GND.
4. AM input pin
• It is desirable that the AM input pin (pin 21) be L-coupled to pin 20.
• Inputting to pin 21 can be done by DC-cutting with a capacitor. However, an unbalance in the RF amplifier
(differential amplifier) causes gain drop and whistle worsening.
5. Capacitance across pin 9 and GND.
A large capacitance across pin 9 and GND may cause a misstop
at an adjacent channel when the channel select speed is made
faster at the automatic channel select mode. In this case, decrease
the capacitance across pin 9 and GND. However, if too
decreased, the LED will flutter at low modulation frequencies at
the time of detuning. Therefore, it is recommended to fix the
capacitance across pin 9 and GND to be 3.3µF to 10µF. The
relation between modulation frequency and demodulation output
voltage on pin 9 with the capacitance across pin 9 and GND as a
parameter is shown right.
• LED lighting sensitivity setting for FM.
For the LED lighting sensitivity setting for FM, the IC input
may be 45dBµ to 60dBµ. With the variations in the front end
considered, it is ideal that the IC input in a standard receiving
set be 51dBµ to 54dBµ. The lower value of VR2 for the
LED lighting sensitivity setting is as illustrated right. Since
the variations in the front end cause the IC input setting
sensitivity to vary, it is recommended to use a value of VR2
at an input voltage lower than a standard setting by 6dB or
greater. For example, if IC input 53dBµ is taken as a
standard, use VR2
≤100kΩ at IC input 47dBµ.
2. AM/FM changeover
• Two selections are available for changeover as shown below
: (A) pin 19-used method and (B) pin 20-used method.
• For (A), the voltage on pin 19 relative to VCC (pin 7) must be within the range of –0.8V to +0.1V. If not within this
range, distortion and selectivity will get worse.
• For (A), a resistance of 68k
Ω at the IFT cold terminal, which is used to prevent the changeover circuit from
malfunctioning, must be connected.
(A) pin 19-use method for AM/FM changeover
(B) Pin 20-used method for AM/FM changeover
IC input – dBµ
Semifixed Variable Resistor for FM
LED lighting sensitivity setting for FM
Ideal setting range
Modulation frequency – Hz
V9 – Modulation Frequency


Số phần tương tự - LA1267

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1260 SANYO-LA1260 Datasheet
924Kb / 14P
   FM/AM Tuner System for Radio-Casette Recorders, Music Centers
LA1265 SANYO-LA1265 Datasheet
1Mb / 15P
   FM/AM Tuner of Electronic Tuning Type
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
logo
LIGITEK electronics co....
LA126B-3-SR LIGITEK-LA126B-3-SR Datasheet
66Kb / 5P
   LED ARRAY
More results

Mô tả tương tự - LA1267

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1265 SANYO-LA1265 Datasheet
1Mb / 15P
   FM/AM Tuner of Electronic Tuning Type
LA1266 SANYO-LA1266 Datasheet
344Kb / 11P
   AM/FM Tuner System Of Electronic Tuning Type
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
NTE Electronics
NTE1608 NTE-NTE1608 Datasheet
24Kb / 3P
   Integrated Circuit AM Tuner w/Electronic Tuning
logo
Sanyo Semicon Device
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
   AM/FM Tuner
logo
Samsung semiconductor
KA2297-D SAMSUNG-KA2297-D Datasheet
157Kb / 6P
   AM/FM TUNER
S1A2297X01 SAMSUNG-S1A2297X01 Datasheet
104Kb / 6P
   AM/FM TUNER
logo
Sanyo Semicon Device
LA1245 SANYO-LA1245 Datasheet
326Kb / 11P
   AM Electronic Tuner
LA1247 SANYO-LA1247 Datasheet
507Kb / 11P
   AM ELECTRONIC TUNER
logo
Silan Microelectronics ...
SA2111C SILAN-SA2111C Datasheet
339Kb / 9P
   3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com