công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5711 bảng dữ liệu(PDF) 1 Page - EIC discrete Semiconductors

tên linh kiện 1N5711
Giải thích chi tiết về linh kiện  SCHOTTKY BARRIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EIC [EIC discrete Semiconductors]
Trang chủ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5711 bảng dữ liệu(HTML) 1 Page - EIC discrete Semiconductors

  1N5711 Datasheet HTML 1Page - EIC discrete Semiconductors 1N5711 Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5711 and 1N6263
SCHOTTKY BARRIER DIODES
VRRM : 70V , 60V
FEATURES :
• For general purpose applications
• Metal-on-silicon Schottky barrier device which is protected
by a PN junction guard ring. The low forward voltage
drop and fast switching make it ideal for protection of
MOS devices, steering, biasing and coupling diodes for
fast switching and low logic level applications.
• This diode is also available in the MiniMELF case with
type designation LL5711 and LL6263.
• Pb / RoHS Free
MECHANICAL DATA :
Case: DO-35 Glass Case
Weight: approx. 0.13g
Maximum Ratings and Thermal Characteristics (Rating at 25
°C ambient temperature unless otherwise specified.
Symbol
Value
Unit
1N5711
70
1N6263
60
Power Dissipation (Infinite Heatsink)
PD
400
(1)
mW
Maximum Single Cycle Surge 10
µs Square Wave
IFSM
2
A
Thermal Resistance Junction to Ambient Air
RθJA
0.3
(1)
°C/mW
Junction Temperature
TJ
125
(1)
°C
Storage temperature range
TS
-55 to + 150
(1)
°C
Electrical Characteristics (T
J = 25°C unless otherwise noted)
Parameter
Symbol
Min
Typ
Max
Unit
1N5711
IR = 10 µA
70
-
-
1N6263
60
-
-
Reverse Current
IR
VR = 50 V
-
-
200
nA
IF = 1mA
-
-
0.41
IF = 15mA
-
-
1.0
1N5711
-
-
2.0
1N6263
-
-
2.2
IF = IR = 5mA,
recover to 0.1IR
Note:
(1) Valid provided that leads at a distance of 4mm from case are kept at ambient temperature..
Page 1 of 2
Rev. 02 : March 24, 2005
Parameter
Repetitive Peak Reverse Voltage
VRRM
V
Reverse Breakdown Voltage
V(BR)R
Forward Voltage Drop
V
V
Test Condition
-
-
Diode Capacitance
Reverse Recovery Time
VF
Cd
Trr
pF
ns
1
VR = 0 V, f = 1MHz
DO - 35 Glass
(DO-204AH)
0.079(2.0 )max.
0.150 (3.8)
max.
0.020 (0.52)max.
Dimensions in inches and ( millimeters )
1.00 (25.4)
min.
1.00 (25.4)
min.
Cathode
Mark


Số phần tương tự - 1N5711

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
logo
Shanghai Lunsure Electr...
1N5711 CHENYI-1N5711 Datasheet
82Kb / 2P
   400 mWatt Small Signal Schottky Diode 60 to 70 Volts
logo
AVAGO TECHNOLOGIES LIMI...
1N5711 AVAGO-1N5711 Datasheet
264Kb / 7P
   Pico Second Switching Speed
logo
Compensated Deuices Inc...
1N5711 CDI-DIODE-1N5711 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER DIODES
logo
Microsemi Corporation
1N5711 MICROSEMI-1N5711 Datasheet
67Kb / 3P
   SCHOTTKY BARRIER DIODES
More results

Mô tả tương tự - 1N5711

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
TRANSYS Electronics Lim...
RB420D TEL-RB420D Datasheet
72Kb / 1P
   Schottky barrier Diodes
RB520S-30 TEL-RB520S-30 Datasheet
90Kb / 2P
   Schottky barrier Diodes
RB521S-30 TEL-RB521S-30 Datasheet
88Kb / 2P
   Schottky barrier Diodes
RB751G-40 TEL-RB751G-40 Datasheet
99Kb / 2P
   Schottky barrier Diodes
logo
E-Tech Electronics LTD
BAT54RCLT1 ETL-BAT54RCLT1 Datasheet
78Kb / 1P
   Schottky Barrier Diodes
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com