công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N5399G bảng dữ liệu(PDF) 1 Page - EIC discrete Semiconductors

tên linh kiện 1N5399G
Giải thích chi tiết về linh kiện  GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EIC [EIC discrete Semiconductors]
Trang chủ  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

1N5399G bảng dữ liệu(HTML) 1 Page - EIC discrete Semiconductors

  1N5399G Datasheet HTML 1Page - EIC discrete Semiconductors 1N5399G Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5391G - 1N5399G
GLASS PASSIVATED JUNCTION
SILICON RECTIFIERS
PRV : 50 - 1000 Volts
Io : 1.5 Amperes
FEATURES :
* Glass passivated chip
* High current capability
* High reliability
* Low reverse current
* Low forward voltage drop
MECHANICAL DATA :
* Case : DO-41 Molded plastic
* Epoxy : UL94V-O rate flame retardant
* Lead : Axial lead solderable per MIL-STD-202,
Method 208 guaranteed
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight :
0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL 1N5391G 1N5392G 1N5393G 1N5394G 1N5395G 1N5396G 1N5397G 1N5398G 1N5399G
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
500
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
350
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
500
600
800
1000
V
Maximum Average Forward Current
0.375"(9.5mm) Lead Length Ta = 75
°C
IF(AV)
1.5
A
Peak Forward Surge Current
8.3ms Single half sine wave Superimposed
on rated load (JEDEC Method)
IFSM
50
A
Maximum Forward Voltage at IF = 1.5 Amps.
VF
1.1
V
Maximum DC Reverse Current
Ta = 25
°C
IR
5.0
µA
at rated DC Blocking Voltage
Ta = 100
°C
IR(H)
50
µA
Typical Junction Capacitance (Note1)
CJ
15
pF
Typical Thermal Resistance (Note2)
R
θJA
30
°C/W
Junction Temperature Range
TJ
- 65 to + 175
°C
Storage Temperature Range
TSTG
- 65 to + 175
°C
Notes :
(1) Measured at 1.0 MHz and applied reverse voltage of 4.0VDC
(2) Thermal resistance from Junction to Ambient at 0.375" (9.5mm) Lead Lengths, P.C. Board Mounted.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING
DO - 41
Dimensions in inches and ( millimeters )
1.00 (25.4)
MIN.
0.107 (2.7)
0.080 (2.0)
0.205 (5.2)
0.166 (4.2)
1.00 (25.4)
MIN.
0.034 (0.86)
0.028 (0.71)
* Pb / RoHS Free


Số phần tương tự - 1N5399G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
1N5399G RECTRON-1N5399G Datasheet
1,000Kb / 5P
   GLASS PASSIVATED RECTIFIER
logo
Shanghai Lunsure Electr...
1N5399G CHENYI-1N5399G Datasheet
177Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5399G MIC-1N5399G Datasheet
47Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shanghai Shunye Electro...
1N5399G SHUNYE-1N5399G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
SAMYANG ELECTRONICS CO....
1N5399G SAMYANG-1N5399G Datasheet
397Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Mô tả tương tự - 1N5399G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
SynSemi, Inc.
1N5400G SYNSEMI-1N5400G Datasheet
36Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
DR200G EIC-DR200G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N3611 EIC-1N3611 Datasheet
82Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
DR200G EIC-DR200G_05 Datasheet
3Mb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5400G EIC-1N5400G_05 Datasheet
44Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
1N5614 EIC-1N5614 Datasheet
125Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
SynSemi, Inc.
1N5391G SYNSEMI-1N5391G Datasheet
39Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
EIC discrete Semiconduc...
1N4001G EIC-1N4001G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
logo
SynSemi, Inc.
1N4001G SYNSEMI-1N4001G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com