công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LA1136 bảng dữ liệu(PDF) 1 Page - Sanyo Semicon Device

tên linh kiện LA1136
Giải thích chi tiết về linh kiện  AM Tuners for Car Radios and Home Stereos
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANYO [Sanyo Semicon Device]
Trang chủ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1136 bảng dữ liệu(HTML) 1 Page - Sanyo Semicon Device

  LA1136 Datasheet HTML 1Page - Sanyo Semicon Device LA1136 Datasheet HTML 2Page - Sanyo Semicon Device LA1136 Datasheet HTML 3Page - Sanyo Semicon Device LA1136 Datasheet HTML 4Page - Sanyo Semicon Device LA1136 Datasheet HTML 5Page - Sanyo Semicon Device LA1136 Datasheet HTML 6Page - Sanyo Semicon Device LA1136 Datasheet HTML 7Page - Sanyo Semicon Device LA1136 Datasheet HTML 8Page - Sanyo Semicon Device LA1136 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
AM Tuners for Car Radios and Home Stereos
Overview
The LA1136N/NM and LA1137N/NM are high-performance
AM electronic tuner ICs offering sophisticated functions. They
are especially suited for use in car radio and home stereo
(antenna: loop) applications.
Functions
.
MIX
.
OSC (with ALC)
.
IF amplifier
.
Detector
.
AGC (normal)
.
RF wide-band AGC
.
Auto search stop signal (Signal meter output)
.
Local oscillation buffer output
.
IF band switching circuit (for LA1136N only)
.
IF count buffer
.
Stop detector output (can be set independently)
.
Tweet prevention circuit
.
AGC (RF, IF) time constant switching circuit
.
IF AGC circuit
.
Pin-diode driver
.
AM stereo decoder IF output (for LA1136N only)
.
Circuit preventing incorrect seek operation
Features
.
Excellent cross modulation characteristic: Meets the
requirements for preventing not only adjacent-channel
interference but also interference caused by all channels
within broadcast band.
.
Narrow-band signal meter output: Usable as auto search stop
signal. Has linearity up to 100 dBµ.
.
Local oscillation buffer output: Facilitates designing of
electronic tuner system, frequency display, etc.
.
OSC (with ALC): Improves tracking error because
oscillation output is stabilized at a low level (350 mVrms:
LA1137N) for varactor diode.
.
MIX: Double-balanced differential MIX meeting the
requirements for preventing spurious interference, IF
interference.
.
Good characteristic at high input: 130 dBµ input
fm = 400 Hz 80%mod THD = 0.5% typ.
.
High S/N: Good S/N at medium input (55 dB typ).
.
Usable sensitivity: (S/N = 20 dB input): 25 dBµ
(when using 2SK715 )
.
VCC variation compensation: Less variation in gain,
distortion: 8 to 12 V
AM stereo capability (LA1136N only)
.
IF band switching circuit on chip; controlled by
microcontroller
.
Oscillating circuit for AM stereo; SUB S/N improved to
6dB
.
IF output for AM stereo decoder
.
Improved tweet characteristics: 10 dB increase, controlled by
microcontroller
.
Improved cross modulation characteristics, especially
sensitivity suppression characteristics: 15 dB improvement,
wide-band AGC operation even for SW band interference
.
Improved low-frequency modulation distortion
.
Improved temperature characteristics: S-meter, SD sensitivity
.
Faster RF AGC response: RF: 1/3; IF: 1/8 (compared to
predecessors)
.
Improved capability for driving external RF AGC transistors:
IB max = 200 µA
.
Measures to prevent incorrect seek operation
.
IF count buffer on chip; controlled by microcontroller
.
Time constant switching circuit on chip for RF and IF
AGC
.
IF AGC clear circuit on chip
.
Measures that prevent stopping one station too soon
Ordering number: EN 3507
Monolithic Linear IC
LA1136N, 1136NM, 1137N, 1137NM
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
93097HA(II)/4281TS(US) No.3507-1/28


Số phần tương tự - LA1136

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA1135M SANYO-LA1135M Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
More results

Mô tả tương tự - LA1136

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanyo Semicon Device
LA1135 SANYO-LA1135 Datasheet
455Kb / 18P
   AM Tuner System for Car Radios and Home Stereos
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
   5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
NEC
UPC2533 NEC-UPC2533 Datasheet
212Kb / 36P
   AM TUNER FOR ELECTRONIC TUNING CAR RADIOS
logo
STMicroelectronics
TDA7786 STMICROELECTRONICS-TDA7786 Datasheet
919Kb / 54P
   ELITE automotive tuners for AM/FM car-radio
October 2016 Rev 5
logo
Sanyo Semicon Device
LA1177 SANYO-LA1177 Datasheet
396Kb / 8P
   Electronic Tuning-Use FM Front End for Car Radio, Home Stereos
LA1883M SANYO-LA1883M Datasheet
168Kb / 8P
   Single-Chip FM/AM Tuner for Car Radio and Home Stereo Equipment?
logo
STMicroelectronics
TDA7528 STMICROELECTRONICS-TDA7528 Datasheet
89Kb / 5P
   AM/FM car radio Front-End receiver for IF sampling tuners
logo
Sanyo Semicon Device
LC75374E SANYO-LC75374E Datasheet
383Kb / 17P
   Electronic Volume and Tone Control for Car Stereos
logo
Rohm
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
   System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
   System power supply for car stereos
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com