công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KMZ41 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện KMZ41
Giải thích chi tiết về linh kiện  Magnetic field sensor Accurate and reliable angle measurement
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

KMZ41 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button KMZ41 Datasheet HTML 2Page - NXP Semiconductors KMZ41 Datasheet HTML 3Page - NXP Semiconductors KMZ41 Datasheet HTML 4Page - NXP Semiconductors KMZ41 Datasheet HTML 5Page - NXP Semiconductors KMZ41 Datasheet HTML 6Page - NXP Semiconductors KMZ41 Datasheet HTML 7Page - NXP Semiconductors KMZ41 Datasheet HTML 8Page - NXP Semiconductors KMZ41 Datasheet HTML 9Page - NXP Semiconductors KMZ41 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NXP Semiconductors
KMZ41
Magnetic field sensor
© NXP B.V. 2010.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 18 November 2010
Document identifier: KMZ41
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
13. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features and benefits . . . . . . . . . . . . . . . . . . . . 1
1.3
Quick reference data . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Circuit diagram . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Thermal characteristics . . . . . . . . . . . . . . . . . . 3
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6
9
Packing information . . . . . . . . . . . . . . . . . . . . . 7
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 7
11
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 8
11.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 8
11.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
11.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
11.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
12
Contact information. . . . . . . . . . . . . . . . . . . . . . 9
13
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10


Số phần tương tự - KMZ41

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
KMZ41 PHILIPS-KMZ41 Datasheet
60Kb / 12P
   Magnetic field sensor
2000 Apr 18
KMZ41 NXP-KMZ41 Datasheet
78Kb / 10P
   Magnetic field sensor
Rev. 05-27 November 2006
More results

Mô tả tương tự - KMZ41

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ams AG
AS5171 AMSCO-AS5171 Datasheet
837Kb / 42P
   Accurate angle measurement
AS5170 AMSCO-AS5170 Datasheet
1Mb / 47P
   Accurate angle measurement
logo
Diodes Incorporated
ZMT32 DIODES-ZMT32 Datasheet
395Kb / 10P
   Magnetic Field Angle Sensor
logo
Zetex Semiconductors
ZMT32 ZETEX-ZMT32 Datasheet
388Kb / 10P
   Magnetic Field Angle Sensor
logo
List of Unclassifed Man...
KMT31 ETC2-KMT31 Datasheet
139Kb / 2P
   Magnetic Field Sensors Angle Sensor
logo
Schneider Electric
9500A SCHNEIDER-9500A Datasheet
115Kb / 2P
   Reliable flanged magnetic flow tube for water and wastewater measurement
Apr 25, 2022
logo
List of Unclassifed Man...
GV2P07 ETC-GV2P07 Datasheet
1Mb / 50P
   Accurate and reliable control of motors
logo
NXP Semiconductors
KMZ43T PHILIPS-KMZ43T Datasheet
60Kb / 9P
   Magnetic field sensor
2003 Sep 15
KMZ52 PHILIPS-KMZ52 Datasheet
65Kb / 12P
   Magnetic Field Sensor
2000 Jun 09
KMZ50 PHILIPS-KMZ50 Datasheet
59Kb / 8P
   Magnetic field sensor
1998 Mar 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com