công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

N0400P-ZK-E1-AY bảng dữ liệu(PDF) 3 Page - Renesas Technology Corp

tên linh kiện N0400P-ZK-E1-AY
Giải thích chi tiết về linh kiện  MOS FIELD EFFECT TRANSISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0400P-ZK-E1-AY bảng dữ liệu(HTML) 3 Page - Renesas Technology Corp

  N0400P-ZK-E1-AY Datasheet HTML 1Page - Renesas Technology Corp N0400P-ZK-E1-AY Datasheet HTML 2Page - Renesas Technology Corp N0400P-ZK-E1-AY Datasheet HTML 3Page - Renesas Technology Corp N0400P-ZK-E1-AY Datasheet HTML 4Page - Renesas Technology Corp N0400P-ZK-E1-AY Datasheet HTML 5Page - Renesas Technology Corp N0400P-ZK-E1-AY Datasheet HTML 6Page - Renesas Technology Corp N0400P-ZK-E1-AY Datasheet HTML 7Page - Renesas Technology Corp N0400P-ZK-E1-AY Datasheet HTML 8Page - Renesas Technology Corp N0400P-ZK-E1-AY Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
N0400P
SWITCHING
P-CHANNEL POWER MOSFET
DATA SHEET
Document No. D19676EJ1V0DS00 (1st edition)
Date Published February 2009 NS
Printed in Japan
2009
DESCRIPTION
The N0400P is P-channel MOS Field Effect Transistor designed for high current and 2.5 V drive switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
N0400P-ZK-E1-AY
Note
N0400P-ZK-E2-AY
Note
Pure Sn (Tin)
Tape 2500 p/reel
TO-252 (MP-3ZK)
Note Pb-free (This product does not contain Pb in external electrode.)
FEATURES
• 2.5 V drive available
• Super low on-state resistance
RDS(on)1 = 40 m
Ω MAX. (VGS = −4.5 V, ID = −7.5 A)
RDS(on)2 = 73 m
Ω MAX. (VGS = −2.5 V, ID = −7.5 A)
• Built-in gate protection diode
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−40
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m12
V
Drain Current (DC) (TC = 25
°C)
ID(DC)
m15
A
Drain Current (pulse)
Note1
ID(pulse)
m45
A
Total Power Dissipation (TC = 25
°C)
PT1
25
W
Total Power Dissipation (TA = 25
°C)
PT2
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Single Avalanche Current
Note2
IAS
−16
A
Single Avalanche Energy
Note2
EAS
25
mJ
Notes 1. PW
≤ 10
μs, Duty Cycle ≤ 1%
2. Starting Tch = 25
°C, VDD = −20 V, RG = 25 Ω, VGS = −12 → 0 V
THERMAL RESISTANCE
Channel to Case Thermal Resistance
Rth(ch-C)
5.0
°C/W
Channel to Ambient Thermal Resistance
Rth(ch-A)
125
°C/W
(TO-252)


Số phần tương tự - N0400P-ZK-E1-AY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
N0400P-ZK-E1-AY RENESAS-N0400P-ZK-E1-AY Datasheet
232Kb / 9P
   N0400P
N0400P-ZK-E1-AYNote RENESAS-N0400P-ZK-E1-AYNote Datasheet
232Kb / 9P
   MOS FIELD EFFECT TRANSISTOR
More results

Mô tả tương tự - N0400P-ZK-E1-AY

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com