công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP5587 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADP5587
Giải thích chi tiết về linh kiện  Mobile I/O Expander and QWERTY Keypad Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP5587 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADP5587_1 Datasheet HTML 7Page - Analog Devices ADP5587_1 Datasheet HTML 8Page - Analog Devices ADP5587_1 Datasheet HTML 9Page - Analog Devices ADP5587_1 Datasheet HTML 10Page - Analog Devices ADP5587_1 Datasheet HTML 11Page - Analog Devices ADP5587_1 Datasheet HTML 12Page - Analog Devices ADP5587_1 Datasheet HTML 13Page - Analog Devices ADP5587_1 Datasheet HTML 14Page - Analog Devices ADP5587_1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADP5587
Rev. B | Page 11 of 24
Keypad Lock/Unlock Feature
The ADP5587 has a locking feature that allows the user to lock
the keypad or GPIs (configured to be part of the event table).
When enabled, the keypad lock can prevent generation of key
event interrupts and prevent key events from being recorded
in the key event table. This feature comprises the Unlock Key 1
and Unlock Key 2 registers (Register 0x0F and Register 0x10,
respectively), the keypad lock interrupt mask and keypad
unlock timers (Register 0x0E), and the LCK1, LCK2, and
keylock enable (K_LCK_EN) bits (Register 0x03).
The unlock keys can be programmed with any value of the keys
in the keypad matrix or any GPI event values that are part of the
key event table. When the keypad lock interrupt mask timer is
enabled, the user must press two specific keys before a keylock
interrupt is generated or keypad events are recorded. After the
keypad is locked (set Bit 6, Register 0x03, to enable the lock),
the first time that the user presses any key, a key event interrupt
is generated. No additional interrupt is generated unless both
unlock key sequences are correct.
If the correct unlock keys are not pressed before the mask timer
expires, the state machine starts over. The first key event inter-
rupt is generated to allow the software to see that the user has
pressed a key so that the host can turn on the LCD and display
the unlock message. The host then reads the lock status register
to see if the keypad is unlocked. After the first key event
interrupt, the state machine does not interrupt the processor
again unless the correct sequence is keyed. The state machine is
reset if the correct sequences are not keyed before the keypad
lock interrupt mask timer expires.
The state of the keypad lock interrupt mask bit (Register 0x01,
Bit 2) in the configuration register determines whether the
interrupt pin is asserted when the keylock interrupt status bit
(Register 0x02, Bit 2) is set. Setting the keylock interrupt mask
bit causes the INT pin to be asserted when the keylock interrupt
status bit is set in Register 0x02; clearing that bit masks the
interrupt, causing the interrupt pin not to respond to the keylock
interrupt status bit. The mask interrupt timer should be set for
the time that it takes for the LCD to dim or turn off so that, if a
key is pressed, the backlight is set to bright mode again or reset
to turn on the LCD.
When the unlock mask interrupt timer equals 0, only the
correct unlock sequence can generate an interrupt. Disabling
the unlock mask interrupt timer allows the processor to remain
undisturbed for situations in which the user, for example, has
the phone in a pocket or purse and the keys are constantly
pressed. The flowchart in Figure 11 shows the interaction of
interrupt enable, key event counter, key event interrupt status,
and interrupt generation.
KEY EVENT INTERRUPT
KEYLOCK INTERRUPT
OVERFLOW INTERRUPT
GPIO INTERRUPT
INT
OR
INTERRUPT CONFIGURATION
OVR_FLOW_
IEN
K_LCK_IM GPI_IEN KE_IEN
GPIEM_
CFG
KEYPAD LOCK INTERRUPT MASK TIMER
K_LCK_EN
INT
LOGIC
VCC
Figure 13. INT Pin Drive


Số phần tương tự - ADP5587_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP5587ACBZ-R7 AD-ADP5587ACBZ-R7 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5587ACPZ-1-R7 AD-ADP5587ACPZ-1-R7 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5587ACPZ-R7 AD-ADP5587ACPZ-R7 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5587ACPZ-R7 AD-ADP5587ACPZ-R7 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5587CB-EVALZ AD-ADP5587CB-EVALZ Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
More results

Mô tả tương tự - ADP5587_1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP5587 AD-ADP5587 Datasheet
340Kb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
REV. 0
ADP5588 AD-ADP5588_V01 Datasheet
871Kb / 28P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. D
ADP5587 AD-ADP5587_V01 Datasheet
1Mb / 24P
   Mobile I/O Expander and QWERTY Keypad Controller
Rev. E
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
   Keypad I/O Expander
REV. A
ADP5586 AD-ADP5586 Datasheet
612Kb / 44P
   Keypad Decoder and I/O Port Expander
REV. 0
ADP5589ACPZ-00-R7 AD-ADP5589ACPZ-00-R7 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
REV. B
ADP5585 AD-ADP5585_V01 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
Rev. C
logo
Micrel Semiconductor
MIC74 MICREL-MIC74_14 Datasheet
781Kb / 20P
   2-Wire Serial I/O Expander and Fan Controller
logo
Analog Devices
ADP5585ACPZ-00-R7 AD-ADP5585ACPZ-00-R7 Datasheet
605Kb / 40P
   Keypad Decoder and I/O Expansion
REV. C
ADP5589 AD-ADP5589 Datasheet
644Kb / 52P
   Keypad Decoder and I/O Expansion
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com