công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74HC157D bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện 74HC157D
Giải thích chi tiết về linh kiện  Quad 2-input multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC157D bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  74HC157D Datasheet HTML 1Page - NXP Semiconductors 74HC157D Datasheet HTML 2Page - NXP Semiconductors 74HC157D Datasheet HTML 3Page - NXP Semiconductors 74HC157D Datasheet HTML 4Page - NXP Semiconductors 74HC157D Datasheet HTML 5Page - NXP Semiconductors 74HC157D Datasheet HTML 6Page - NXP Semiconductors 74HC157D Datasheet HTML 7Page - NXP Semiconductors 74HC157D Datasheet HTML 8Page - NXP Semiconductors 74HC157D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
General description
The 74HC157; 74HCT157 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL. It is specified in compliance with JEDEC standard no. 7A.
The 74HC/HCT157 are quad 2-input multiplexers which select 4 bits of data from two
sources under the control of a common data select input (S). The enable input (E) is
active LOW. When E is HIGH, all of the outputs (1Y to 4Y) are forced LOW regardless of
all other input conditions.
Moving the data from two groups of registers to four common output buses is a common
use of the 74HC/HCT157. The state of the common data select input (S) determines the
particular register from which the data comes. It can also be used as function generator.
The device is useful for implementing highly irregular logic by generating any four of the
16 different functions of two variables with one variable common. The 74HC/HCT157 is
logic implementation of a 4-pole, 2-position switch, where the position of the switch is
determine by the logic levels applied to S.
The logic equations are:
1Y = E
 (1I1 S+ 1I0 S)
2Y = E
 (2I1 S+ 2I0 S)
3Y = E
 (3I1 S+ 3I0 S)
4Y = E
 (4I1 S+ 4I0 S)
The 74HC/HCT157 is identical to the 74HC158 but has non-inverting (true) outputs.
2.
Features and benefits
Low-power dissipation
Non-inverting data path
ESD protection:
HBM JESD22-A114F exceeds 2 000 V
MM JESD22-A115-A exceeds 200 V
Specified from
40 Cto+85 C and from 40 Cto+125 C
74HC157; 74HCT157
Quad 2-input multiplexer
Rev. 3 — 31 December 2010
Product data sheet


Số phần tương tự - 74HC157D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74HC157D PHILIPS-74HC157D Datasheet
44Kb / 7P
   Quad 2-input multiplexer
December 1990
logo
Toshiba Semiconductor
74HC157D TOSHIBA-74HC157D Datasheet
214Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-11-10 Rev.4.0
logo
Nexperia B.V. All right...
74HC157D NEXPERIA-74HC157D Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
74HC157D-Q100 NEXPERIA-74HC157D-Q100 Datasheet
782Kb / 17P
   Quad 2-input multiplexer
74HC157D-Q100 NEXPERIA-74HC157D-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
More results

Mô tả tương tự - 74HC157D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com