công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADCVREFP bảng dữ liệu(PDF) 10 Page - ATMEL Corporation

tên linh kiện ADCVREFP
Giải thích chi tiết về linh kiện  32-Bit AVR UC3 C Series Schematic Checklist
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ADCVREFP bảng dữ liệu(HTML) 10 Page - ATMEL Corporation

Back Button ADCVREFP Datasheet HTML 6Page - ATMEL Corporation ADCVREFP Datasheet HTML 7Page - ATMEL Corporation ADCVREFP Datasheet HTML 8Page - ATMEL Corporation ADCVREFP Datasheet HTML 9Page - ATMEL Corporation ADCVREFP Datasheet HTML 10Page - ATMEL Corporation ADCVREFP Datasheet HTML 11Page - ATMEL Corporation ADCVREFP Datasheet HTML 12Page - ATMEL Corporation ADCVREFP Datasheet HTML 13Page - ATMEL Corporation ADCVREFP Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
AVR32768
32157A-AVR-12/10
Table 7-2.
ADC single-ended external voltage reference, 3.3V power supply mode.
Signal name
Recommended pin connection
Description
ADCREF0
1.0V to 2.6V
Single-ended external voltage reference
ADCREF1
1.0V to 2.6V
Single-ended external voltage reference
Figure 7-2.
Single-ended external reference, 5V power supply mode.
ADCREF0
ADCREF1
DC/DC
converter
1.0 to 3.5 V
DC/DC
converter
1.0 to 3.5 V
Table 7-3.
ADC single-ended external voltage reference, 5V power supply mode.
Signal name
Recommended pin connection
Description
ADCREF0
1.0V to 3.5V
Single-ended external voltage reference
ADCREF1
1.0V to 3.5V
Single-ended external voltage reference
7.2.2 ADC differential external reference pins (ADCVREFP/ADCVREFN)
In order to use the internal 1V bandgap reference, the ADCVREFP and ADCVREFN
pins must be used with decoupling capacitors (see Figure 7-3 and Table 7-5 for
typical values).
If the internal voltage reference is unused, ADCVREFP and ADCVREFN can be used
as differential external voltage reference (see Figure 7-4 and Table 7-5).
Figure 7-3.
ADCVREFP/ADCVREFN external decoupling for use of internal bandgap
reference.
Table 7-4.
ADC differential external voltage reference, internal reference used.
Signal name
Recommended pin connection
Description
ADCVREFP
Positive differential voltage
Differential external voltage reference
ADCVREFN
Negative differential voltage
Differential external voltage reference


Số phần tương tự - ADCVREFP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADCV0831 NSC-ADCV0831 Datasheet
180Kb / 9P
   8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
ADCV0831M6 NSC-ADCV0831M6 Datasheet
180Kb / 9P
   8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
ADCV0831M6X NSC-ADCV0831M6X Datasheet
180Kb / 9P
   8 Bit Serial I/O Low Voltage Low Power ADC with Auto Shutdown in a SOT Package
ADCV08832 NSC-ADCV08832 Datasheet
259Kb / 14P
   Low Voltage, 8-Bit Serial I/O CMOS A/D Converter with Sample/Hold Function
logo
Texas Instruments
ADCV08832 TI1-ADCV08832 Datasheet
304Kb / 16P
[Old version datasheet]   8-Bit Serial I/O CMOS A/D Converter
More results

Mô tả tương tự - ADCVREFP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
AT32UC3B0512 ATMEL-AT32UC3B0512 Datasheet
1Mb / 91P
   32-bit AVR Microcontroller
AT32AP7002 ATMEL-AT32AP7002_09 Datasheet
863Kb / 52P
   AVR 32 32-bit Microcontroller
AT32UC3A0512 ATMEL-AT32UC3A0512_09 Datasheet
1Mb / 98P
   AVR 32 32-Bit Microcontroller
AVR32AP ATMEL-AVR32AP Datasheet
1Mb / 181P
   32-bit AVR Microcontroller
ATEVK1110A ATMEL-ATEVK1110A Datasheet
252Kb / 17P
   AVR32817: Getting Started with the 32-bit AVR UC3 Software Framework lwIP TCP/IP Stack
AT32UC3L064 ATMEL-AT32UC3L064_11 Datasheet
1Mb / 111P
   32-bit Atmel AVR Microcontroller
AT32UC3L0256-D3HT ATMEL-AT32UC3L0256-D3HT Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
AT32UC3L0128 ATMEL-AT32UC3L0128 Datasheet
1Mb / 96P
   32-bit Atmel AVR Microcontroller
ASF-3.33 ATMEL-ASF-3.33 Datasheet
93Kb / 19P
   AVR UC3 A0/A1 (revision H and later)
AVR32795 ATMEL-AVR32795 Datasheet
228Kb / 22P
   Using the GNU Linker Scripts on AVR UC3 Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com