công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL12026IBZ bảng dữ liệu(PDF) 5 Page - Intersil Corporation

tên linh kiện ISL12026IBZ
Giải thích chi tiết về linh kiện  Real Time Clock/Calendar with I2C Bus??and EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12026IBZ bảng dữ liệu(HTML) 5 Page - Intersil Corporation

  ISL12026IBZ Datasheet HTML 1Page - Intersil Corporation ISL12026IBZ Datasheet HTML 2Page - Intersil Corporation ISL12026IBZ Datasheet HTML 3Page - Intersil Corporation ISL12026IBZ Datasheet HTML 4Page - Intersil Corporation ISL12026IBZ Datasheet HTML 5Page - Intersil Corporation ISL12026IBZ Datasheet HTML 6Page - Intersil Corporation ISL12026IBZ Datasheet HTML 7Page - Intersil Corporation ISL12026IBZ Datasheet HTML 8Page - Intersil Corporation ISL12026IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
FN8231.9
November 30, 2010
Timing Diagrams
Bus Timing
tSU:STO
STOP Condition Set-up Time
From SCL rising edge crossing 70%
of VDD, to SDA rising edge crossing
30% of VDD.
600
ns
tHD:STO
STOP Condition Hold Time for
Read or Volatile Only Write
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30%
of VDD, until SDA enters the 30% to
70% of VDD window.
0ns
Cpin
SDA and SCL Pin Capacitance
10
pF
tWC
Non-volatile Write Cycle Time
12
20
ms
14
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 + 0.1xCb
300
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 +0.1xCb
300
ns
15
Cb
Capacitive Loading of SDA or SCL Total on-chip and off-chip
10
400
pF
15
RPU
SDA and SCL Bus Pull-up Resistor
Off-chip
Maximum is determined by tR and tF.
For Cb = 400pF, max is about
2k
Ω~2.5kΩ.
For Cb = 40pF, max is about
15k
Ω~20kΩ
1k
Ω
15
NOTES:
7. IRQ/FOUT Inactive.
8. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz
9. VDD > VBAT +VBATHYS
10. Bit BSW = 0 (Standard Mode), ATR = 00h, VBAT ≥1.8V
11. Specified at +25°C.
12. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
13. Parameter is not 100% tested.
14. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, it is the time from valid STOP condition at the end of Write
sequence of a serial interface Write operation, to the end of the self-timed internal non-volatile write cycle.
15. These are I2C specific parameters and are not directly tested, however they are used during device testing to validate device specification.
16. Compliance to datasheet limits is assured by one or more methods: production test, characterization and/or design.
AC Electrical Specifications
(Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 16)
TYP
MAX
(Note 16)
UNITS
NOTES
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
tHD:STO
ISL12026, ISL12026A


Số phần tương tự - ISL12026IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12026IBZ INTERSIL-ISL12026IBZ Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12026IBZ INTERSIL-ISL12026IBZ Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026IBZ RENESAS-ISL12026IBZ Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12026IBZ-T INTERSIL-ISL12026IBZ-T Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
More results

Mô tả tương tự - ISL12026IBZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com