công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL25700 bảng dữ liệu(PDF) 1 Page - Intersil Corporation

tên linh kiện ISL25700
Giải thích chi tiết về linh kiện  Programmable Temperature Controlled MOSFET Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL25700 bảng dữ liệu(HTML) 1 Page - Intersil Corporation

  ISL25700 Datasheet HTML 1Page - Intersil Corporation ISL25700 Datasheet HTML 2Page - Intersil Corporation ISL25700 Datasheet HTML 3Page - Intersil Corporation ISL25700 Datasheet HTML 4Page - Intersil Corporation ISL25700 Datasheet HTML 5Page - Intersil Corporation ISL25700 Datasheet HTML 6Page - Intersil Corporation ISL25700 Datasheet HTML 7Page - Intersil Corporation ISL25700 Datasheet HTML 8Page - Intersil Corporation ISL25700 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Corporation. Copyright Intersil Americas Inc. 2010. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Programmable Temperature Controlled MOSFET Driver
ISL25700
The Temperature Controlled MOSFET Driver is a highly
integrated solution that combines a MOSFET driver with
overcurrent protection and two 8-bit resolution DACs on
a monolithic CMOS integrated circuit (IC).
The ISL25700 sets up and monitors temperature at the
point of interest, compares it with the user programmable
setpoint, and adjusts the output until the set temperature is
reached. An external power MOSFET, a heater, an NTC
thermistor and the ISL25700 are parts of the temperature
control loop.
It also features programmable overcurrent protection of
the MOSFET. The current protection automatically adjusts
the output voltage in order to keep MOSFET power under
user defined limits. The protection settings always
override the temperature settings that cause violation of
the current limit.
There is an additional 8-bit General Purpose DAC that is
available for application specific use.
The ISL25700 can be used in a variety of applications
where constant temperature is a key parameter.
Applications*(see page 17)
• Oven Controlled Applications with Micro Temperature
Chamber in:
- Basestations
- Spectrometers
- Precision Meters
- Precision Generators
Features
• User-programmable Setpoint via I2C Serial Interface
• Setpoint Temperature Range from +40°C to +110°C
• Operational Temperature Range from -40°C to +125°C
• 3°C Initial Setpoint Accuracy
• Coarse and Fine Tuning Setpoint Control
- +15°C Coarse Adjustment
- +0.1°C Fine Adjustment
• ±0.5°C Long-term Drift Error
• Programmable Current Protection of External MOSFET
• 5-bit Selectable Gain Control
• Wide Power Supply Range: 3V to 15V
• Works with 20kΩ to 200kΩ External NTC Thermistor
• General Purpose 8-bit DAC - 0.4% Output Resolution
• High Reliability
- Endurance: 10,000 Data Changes per Bit per Register
- Register Data Retention: 10 years @ T ≤ +125°C
• 10 Lead μTQFN 2.1mmx1.6mm Package
• Pb-free (RoHS Compliant)
FIGURE 1. TYPICAL TEMPERATURE SETTLING TIME
100
80
60
40
20
0
03
69
12
15
TIME (MINUTES)
September 3, 2010
FN6885.0


Số phần tương tự - ISL25700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL25700 RENESAS-ISL25700 Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T RENESAS-ISL25700FRUZ-T Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-T7A RENESAS-ISL25700FRUZ-T7A Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
ISL25700FRUZ-TK RENESAS-ISL25700FRUZ-TK Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
More results

Mô tả tương tự - ISL25700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL25700 RENESAS-ISL25700 Datasheet
973Kb / 18P
   Programmable Temperature Controlled MOSFET Driver
logo
Allegro MicroSystems
A3985 ALLEGRO-A3985 Datasheet
446Kb / 15P
   Digitally Programmable Dual Full-Bridge MOSFET Driver
logo
Linear Technology
LT3597 LINER-LT3597 Datasheet
441Kb / 24P
   60V Triple Step-Down LED Driver Programmable Temperature Protection
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Texas Instruments
LP5522 TI1-LP5522 Datasheet
797Kb / 17P
[Old version datasheet]   Programmable LED Driver
logo
National Semiconductor ...
LP5522 NSC-LP5522 Datasheet
255Kb / 14P
   Programmable LED Driver
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
logo
Epson Company
VG7050EAN EPSON-VG7050EAN Datasheet
427Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
VG7050ECN-SM20T007 EPSON-VG7050ECN-SM20T007 Datasheet
808Kb / 3P
   Programmable Voltage Controlled Oscillator (VCXO)
logo
API Technologies Corp
MN2020 APITECH-MN2020 Datasheet
979Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com