công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL23315WFRUZ-T7A bảng dữ liệu(PDF) 7 Page - Intersil Corporation

tên linh kiện ISL23315WFRUZ-T7A
Giải thích chi tiết về linh kiện  Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL23315WFRUZ-T7A bảng dữ liệu(HTML) 7 Page - Intersil Corporation

Back Button ISL23315WFRUZ-T7A Datasheet HTML 3Page - Intersil Corporation ISL23315WFRUZ-T7A Datasheet HTML 4Page - Intersil Corporation ISL23315WFRUZ-T7A Datasheet HTML 5Page - Intersil Corporation ISL23315WFRUZ-T7A Datasheet HTML 6Page - Intersil Corporation ISL23315WFRUZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL23315WFRUZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL23315WFRUZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL23315WFRUZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL23315WFRUZ-T7A Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISL23315
7
FN7778.0
December 15, 2010
tShdnRec DCP recall time from shutdown mode
SCL rising edge of the acknowledge bit
after ACR data byte to wiper recalled
position and RH connection
1.5
µs
VCC,VLOGIC
Ramp
(Note 21)
VCC ,VLOGIC ramp rate
Ramp monotonic at any level
0.01
50
V/ms
Operating Specifications VCC = 2.7V to 5.5V, VLOGIC = 1.2V to 5.5V over recommended operating conditions unless otherwise
stated. Boldface limits apply over the operating temperature range, -40°C to +125°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
Serial Interface Specification for SCL, SDA, A0, A1 Unless Otherwise Noted.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 20)
TYP
(Note 8)
MAX
(Note 20)
UNITS
VIL
Input LOW Voltage
-0.3
0.3 x VLOGIC
V
VIH
Input HIGH Voltage
0.7 x VLOGIC
VLOGIC + 0.3
V
Hysteresis
SDA and SCL Input Buffer
Hysteresis
VLOGIC > 2V
0.05 x VLOGIC
V
VLOGIC <2V
0.1 x VLOGIC
VOL
SDA Output Buffer LOW Voltage
IOL = 3mA, VLOGIC > 2V
0
0.4
V
IOL = 1.5mA,
VLOGIC <2V
0.2 x VLOGIC
V
Cpin
SDA, SCL Pin Capacitance
10
pF
fSCL
SCL Frequency
400
kHz
tsp
Pulse Width Suppression Time at
SDA and SCL Inputs
Any pulse narrower than the
max spec is suppressed
50
ns
tAA
SCL Falling Edge to SDA Output
Data Valid
SCL falling edge crossing 30%
of VLOGIC, until SDA exits the
30% to 70% of VLOGIC window
900
ns
tBUF
Time the Bus Must be Free Before
the Start of a New Transmission
SDA crossing 70% of VLOGIC
during a STOP condition, to
SDA crossing 70% of VLOGIC
during the following START
condition
1300
ns
tLOW
Clock LOW Time
Measured at the 30% of
VLOGIC crossing
1300
ns
tHIGH
Clock HIGH Time
Measured at the 70% of
VLOGIC crossing
600
ns
tSU:STA
START Condition Set-up Time
SCL rising edge to SDA falling
edge; both crossing 70% of
VLOGIC
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge
crossing 30% of VLOGIC to SCL
falling edge crossing 70% of
VLOGIC
600
ns
tSU:DAT
Input Data Set-up Time
From SDA exiting the 30% to
70% of VLOGIC window, to SCL
rising edge crossing 30% of
VLOGIC
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing
70% of VCC to SDA entering
the 30% to 70% of VCC window
0ns


Số phần tương tự - ISL23315WFRUZ-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23315WFRUZ-T7A INTERSIL-ISL23315WFRUZ-T7A Datasheet
980Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer
ISL23315WFRUZ-T7A INTERSIL-ISL23315WFRUZ-T7A Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315WFRUZ-T7A RENESAS-ISL23315WFRUZ-T7A Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
More results

Mô tả tương tự - ISL23315WFRUZ-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL23415 INTERSIL-ISL23415_11 Datasheet
977Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 INTERSIL-ISL23415 Datasheet
941Kb / 19P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23315TFUZ INTERSIL-ISL23315TFUZ Datasheet
820Kb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer(XDCP??
August 12, 2015
logo
Renesas Technology Corp
ISL23315 RENESAS-ISL23315 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
ISL23415 RENESAS-ISL23415 Datasheet
1Mb / 20P
   Single, Low Voltage Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com